Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD7P06TM Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FQD7P06TM
Description  P-Channel QFET짰 MOSFET - 60 V, - 5.4 A, 450 m?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD7P06TM Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FQD7P06TM Datasheet HTML 1Page - Fairchild Semiconductor FQD7P06TM Datasheet HTML 2Page - Fairchild Semiconductor FQD7P06TM Datasheet HTML 3Page - Fairchild Semiconductor FQD7P06TM Datasheet HTML 4Page - Fairchild Semiconductor FQD7P06TM Datasheet HTML 5Page - Fairchild Semiconductor FQD7P06TM Datasheet HTML 6Page - Fairchild Semiconductor FQD7P06TM Datasheet HTML 7Page - Fairchild Semiconductor FQD7P06TM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
©2001 Fairchild Semiconductor Corporation
FQD7P06 Rev. C0
www.fairchildsemi.com
7
Package Dimensions
DPAK


Similar Part No. - FQD7P06TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD7P06TF FAIRCHILD-FQD7P06TF Datasheet
543Kb / 8P
   P-Channel QFET MOSFET - 60 V, - 5.4 A, 450 m
More results

Similar Description - FQD7P06TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD7P06TF FAIRCHILD-FQD7P06TF Datasheet
543Kb / 8P
   P-Channel QFET MOSFET - 60 V, - 5.4 A, 450 m
FQB27P06TM FAIRCHILD-FQB27P06TM Datasheet
1Mb / 8P
   P-Channel QFET짰 MOSFET -60 V, -27 A, 70 m廓
FQPF47P06YDTU FAIRCHILD-FQPF47P06YDTU Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -60 V, -30 A, 26 m廓
FQD11P06TM FAIRCHILD-FQD11P06TM Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -60 V, -9.4 A, 185 m廓
FQU17P06TU FAIRCHILD-FQU17P06TU Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -60 V, -12 A, 135 m廓
FQB5N90TM FAIRCHILD-FQB5N90TM Datasheet
785Kb / 8P
   N-Channel QFET짰 MOSFET 900 V, 5.4 A, 2.3 廓
FQD20N06LTM FAIRCHILD-FQD20N06LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 60 V, 17.2 A, 42 m廓
FQI50N06TU FAIRCHILD-FQI50N06TU Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 60 V, 50 A, 22 m廓
FQD13N06TM FAIRCHILD-FQD13N06TM Datasheet
803Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 10 A, 140 m廓
FQT13N06LTF FAIRCHILD-FQT13N06LTF Datasheet
760Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 2.8 A, 140 m廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com