Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSBB20CH60SL Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FSBB20CH60SL
Description  Motion SPM짰 3 Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBB20CH60SL Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSBB20CH60SL Datasheet HTML 1Page - Fairchild Semiconductor FSBB20CH60SL Datasheet HTML 2Page - Fairchild Semiconductor FSBB20CH60SL Datasheet HTML 3Page - Fairchild Semiconductor FSBB20CH60SL Datasheet HTML 4Page - Fairchild Semiconductor FSBB20CH60SL Datasheet HTML 5Page - Fairchild Semiconductor FSBB20CH60SL Datasheet HTML 6Page - Fairchild Semiconductor FSBB20CH60SL Datasheet HTML 7Page - Fairchild Semiconductor FSBB20CH60SL Datasheet HTML 8Page - Fairchild Semiconductor FSBB20CH60SL Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
©2006 Fairchild Semiconductor Corporation
5
www.fairchildsemi.com
FSBB20CH60 Rev. C6
Absolute Maximum Ratings (T
J = 25°C, unless otherwise specified.)
Inverter Part
2nd Notes:
1. The maximum junction temperature rating of the power chips integrated within the Motion SPM® 3 product is 150
C (at T
C  100C). However, to insure safe operation of the
Motion SPM 3 product, the average junction temperature should be limited to TJ(ave)  125C (at TC  100C)
Control Part
Total System
Thermal Resistance
2nd Notes:
2. For the measurement point of case temperature(TC), please refer to Figure 2.
Symbol
Parameter
Conditions
Rating
Unit
VPN
Supply Voltage
Applied between P- NU, NV, NW
450
V
VPN(Surge)
Supply Voltage (Surge)
Applied between P- NU, NV, NW
500
V
VCES
Collector - Emitter Voltage
600
V
± IC
Each IGBT Collector Current
TC = 25°C
20
A
± ICP
Each IGBT Collector Current (Peak)
TC = 25°C, Under 1ms Pulse Width
40
A
PC
Collector Dissipation
TC = 25°C per Chip
61
W
TJ
Operating Junction Temperature
(2nd Note 1)
-20 ~ 125
°C
Symbol
Parameter
Conditions
Rating
Unit
VCC
Control Supply Voltage
Applied between VCC(UH), VCC(VH), VCC(WH), VCC(L) -
COM
20
V
VBS
High-Side Control Bias
Voltage
Applied between VB(U) - VS(U), VB(V) - VS(V), VB(W) -
VS(W)
20
V
VIN
Input Signal Voltage
Applied between IN(UH), IN(VH), IN(WH), IN(UL), IN(VL),
IN(WL) - COM
-0.3 ~ 17
V
VFO
Fault Output Supply Voltage
Applied between VFO - COM
-0.3 ~ VCC+0.3
V
IFO
Fault Output Current
Sink Current at VFO Pin
5
mA
VSC
Current-Sensing Input Voltage Applied between CSC - COM
-0.3 ~ VCC+0.3
V
Symbol
Parameter
Conditions
Rating
Unit
VPN(PROT)
Self-Protection Supply Voltage Limit
(Short-Circuit Protection Capability)
VCC = VBS = 13.5 ~ 16.5 V
TJ = 125°C, Non-Repetitive, < 2 s
400
V
TC
Module Case Operation Temperature
-20
CT
J  125C, See Figure 2
-20 ~ 100
°C
TSTG
Storage Temperature
-40 ~ 125
°C
VISO
Isolation Voltage
60 Hz, Sinusoidal, AC 1 Minute, Connect
Pins to Heat Sink Plate
2500
Vrms
Symbol
Parameter
Condition
Min.
Typ. Max.
Unit
Rth(j-c)Q
Junction to Case Thermal
Resistance
Inverter IGBT Part (per 1 / 6 module)
-
-
1.63
°C/W
Rth(j-c)F
Inverter FWD Part (per 1 / 6 module)
-
-
2.55
°C/W


Similar Part No. - FSBB20CH60SL

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
FSBB20CH60 ETRON-FSBB20CH60 Datasheet
544Kb / 16P
   Smart Power Module
logo
Fairchild Semiconductor
FSBB20CH60 FAIRCHILD-FSBB20CH60 Datasheet
544Kb / 16P
   Smart Power Module
FSBB20CH60BT FAIRCHILD-FSBB20CH60BT Datasheet
414Kb / 17P
   Smart Power Module
FSBB20CH60C FAIRCHILD-FSBB20CH60C Datasheet
470Kb / 17P
   Smart Power Module
FSBB20CH60C FAIRCHILD-FSBB20CH60C Datasheet
698Kb / 17P
   Smart Power Module
More results

Similar Description - FSBB20CH60SL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSBB30CH60F ONSEMI-FSBB30CH60F Datasheet
1Mb / 15P
   Motion SPM짰 3 Series
December-2017, Rev. 3
FSBB20CH60C ONSEMI-FSBB20CH60C Datasheet
662Kb / 16P
   Motion SPM짰 3 Series
February 2016 Rev. 1.6
FNF51060TD1 ONSEMI-FNF51060TD1 Datasheet
546Kb / 17P
   Motion SPM짰 55 Series
April 2017 Rev. 1.1
logo
Fairchild Semiconductor
FSB50450AS FAIRCHILD-FSB50450AS Datasheet
611Kb / 10P
   FSB50450AS Motion SPM짰 5 Series
logo
ON Semiconductor
FNA23512A ONSEMI-FNA23512A Datasheet
945Kb / 14P
   1200 V Motion SPM짰 2 Series
October-2017,Rev.3
FSBB20CH60D ONSEMI-FSBB20CH60D Datasheet
758Kb / 17P
   Motion SPM 3 Series
August 2015 Rev. 1.0
FSBB30CH60CT ONSEMI-FSBB30CH60CT Datasheet
784Kb / 17P
   Motion SPM 3 Series
January 2014 Rev. C3
logo
Fairchild Semiconductor
FSBB30CH60D FAIRCHILD-FSBB30CH60D Datasheet
1Mb / 15P
   Motion SPMR 3 Series
logo
ON Semiconductor
FNB34060T6 ONSEMI-FNB34060T6_V01 Datasheet
731Kb / 16P
   Motion SPM 3 Series
April, 2019 - Rev. 2
logo
Fairchild Semiconductor
FNB33060T FAIRCHILD-FNB33060T Datasheet
1Mb / 15P
   Motion SPMR 3 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com