Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT232RL Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # FT232RL
Description  Future Technology Devices International Ltd.
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT232RL Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button FT232RL Datasheet HTML 6Page - List of Unclassifed Manufacturers FT232RL Datasheet HTML 7Page - List of Unclassifed Manufacturers FT232RL Datasheet HTML 8Page - List of Unclassifed Manufacturers FT232RL Datasheet HTML 9Page - List of Unclassifed Manufacturers FT232RL Datasheet HTML 10Page - List of Unclassifed Manufacturers FT232RL Datasheet HTML 11Page - List of Unclassifed Manufacturers FT232RL Datasheet HTML 12Page - List of Unclassifed Manufacturers FT232RL Datasheet HTML 13Page - List of Unclassifed Manufacturers FT232RL Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
Copyright © 2010 Future Technology Devices International Limited
10
Document No.: FT_000053
FT232R USB UART IC Datasheet Version 2.10
Clearance No.: FTDI# 38
3.3 QFN-32 Package
Figure 3.2 QFN-32 Package Pin Out and schematic symbol
3.4 QFN-32 Package Signal Description
Pin No.
Name
Type
Description
14
USBDP
I/O
USB Data Signal Plus, incorporating internal series resistor and 1.5kΩ pull up resistor
to +3.3V.
15
USBDM
I/O
USB Data Signal Minus, incorporating internal series resistor.
Table 3.5 USB Interface Group
Pin No.
Name
Type
Description
1
VCCIO
PWR
+1.8V to +5.25V supply for the UART Interface and CBUS group pins (2, 3,
6,7,8,9,10 11, 21, 22, 30,31,32). In USB bus powered designs connect this pin to
3V3OUT to drive out at +3.3V levels, or connect to VCC to drive out at +5V CMOS
level. This pin can also be supplied with an external +1.8V to +2.8V supply in order
to drive out at lower levels. It should be noted that in this case this supply should
originate from the same source as the supply to VCC. This means that in bus
powered designs a regulator which is supplied by the +5V on the USB bus should be
used.
4, 17, 20
GND
PWR
Device ground supply pins.
FT232RQ
32
25
24
17
16
9
8
1
YYXX-A
18
9
1
2
3
4
5
6
7
8
10
11
12
13
14
15
16
17
19
20
21
22
23
24
25
26
27
28
29
30
31
32
RESET#
VCC
NC
AGND
CBUS1
CBUS0
RXD
VCCIO
RI#
GND
NC
DSR#
DCD#
CTS#
GND
GND
I
FT232RQ
A
G
N
D
G
N
D
G
N
D
G
N
D
T
E
S
T
24
4
17
20
26
3V3OUT
VCCIO
1
16
NC
RESET#
NC
23
18
13
TXD
RXD
RTS#
CTS#
DTR#
DSR#
DCD#
RI#
30
2
32
8
31
6
7
3
CBUS0
CBUS3
CBUS2
CBUS1
22
21
10
11
19
15
14
USBDP
USBDM
VCC
OSCI
27
OSCO
28
CBUS4
9
NC
12
NC
5
NC
29
NC
25
FTD
XXXXXXX


Similar Part No. - FT232RL

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT232RL FTDI-FT232RL Datasheet
795Kb / 29P
   Incorporating Clock Generator Output and FTDIChip-ID Security Dongle
FT232RL FTDI-FT232RL Datasheet
254Kb / 13P
   Bit Bang Modes for the FT232R and FT245R
FT232RL FTDI-FT232RL Datasheet
1Mb / 40P
   Single chip USB to asynchronous serial data transfer interface
FT232RL-2000 FTDI-FT232RL-2000 Datasheet
774Kb / 43P
   USB UART IC - Single chip USB to asynchronous serial data transfer interface
FT232RL-REEL FTDI-FT232RL-REEL Datasheet
832Kb / 47P
   USB UART IC
More results

Similar Description - FT232RL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VNC2-32L1B-REEL ETC2-VNC2-32L1B-REEL Datasheet
2Mb / 88P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT230XS-R FTDI-FT230XS-R Datasheet
828Kb / 44P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
FT232H ETC2-FT232H Datasheet
1Mb / 66P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT600Q FTDI-FT600Q Datasheet
1Mb / 32P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
FT240XQ-R ETC2-FT240XQ-R Datasheet
754Kb / 40P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT231XS-R FTDI-FT231XS-R Datasheet
830Kb / 44P
   Future Technology Devices International Ltd.
FT221XS-R FTDI-FT221XS-R Datasheet
984Kb / 45P
   Future Technology Devices International Ltd.
FT230XQ-R FTDI-FT230XQ-R Datasheet
828Kb / 44P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
USB-COM232-PLUS-2 ETC2-USB-COM232-PLUS-2 Datasheet
805Kb / 24P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
VNC1L-1A-REEL FTDI-VNC1L-1A-REEL Datasheet
767Kb / 32P
   Future Technology Devices International Ltd.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com