Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5064 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2N5064
Description  RoHS Compliant
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2N5064 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2N5064 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2N5064 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2N5064 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2N5064 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2N5064 Datasheet HTML 5Page - List of Unclassifed Manufacturers 2N5064 Datasheet HTML 6Page - List of Unclassifed Manufacturers 2N5064 Datasheet HTML 7Page - List of Unclassifed Manufacturers 2N5064 Datasheet HTML 8Page - List of Unclassifed Manufacturers 2N5064 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2004 Littelfuse, Inc.
E5 - 1
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
*
Selected
Packag
es
U.L.
RECOGN
IZED
File
#E71639
Sensitive
SCRs
(0.8 A to 10 A)
E5
General Description
The Teccor line of sensitive SCR semiconductors are half-wave
unidirectional, gate-controlled rectifiers (SCR-thyristor) which
complement Teccor's line of power SCRs. This group of
packages offers ratings of 0.8 A to 10 A, and 200 V to 600 V with
gate sensitivities of 12 µA to 500 µA. For gate currents in the
10 mA to 50 mA ranges, see “SCRs” section of this catalog.
The TO-220 and TO-92 are electrically isolated where the case
or tab is internally isolated to allow the use of low-cost assembly
and convenient packaging techniques.
Teccor's line of SCRs features glass-passivated junctions to
ensure long-term device reliability and parameter stability.
Teccor's glass offers a rugged, reliable barrier against junction
contamination.
Tape-and-reel packaging is available for the TO-92 package.
Consult the factory for more information.
Variations of devices covered in this data sheet are available for
custom design applications. Consult the factory for more
information.
R
oHS
Features
•RoHS Compliant
Electrically-isolated TO-220 package
High voltage capability — up to 600 V
High surge capability — up to 100 A
Glass-passivated chip
Compak Features
Surface mount package — 0.8 A series
New small-profile three-leaded Compak package
Four gate sensitivities available
Packaged in embossed carrier tape with 2,500
devices per reel
Can replace SOT-223
E5
TO-202
TO-92
3-lead
Compak
*TO-220
Isolated
TO-252
D-Pak
TO-251
V-Pak
AK
G


Similar Part No. - 2N5064

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N5064 PHILIPS-2N5064 Datasheet
17Kb / 4P
   Thyristor sensitive gate
October 1997 Rev 1.200
logo
New Jersey Semi-Conduct...
2N5064 NJSEMI-2N5064 Datasheet
44Kb / 1P
   Silicon Controlled Rectifiers
logo
Boca Semiconductor Corp...
2N5064 BOCA-2N5064 Datasheet
31Kb / 1P
   SCRs (Silicon Controlled Rectifiers)
logo
Central Semiconductor C...
2N5064 CENTRAL-2N5064 Datasheet
22Kb / 1P
   0.8 to 110 Amperes RMS 15 to 1200 Volts
logo
ON Semiconductor
2N5064 ONSEMI-2N5064 Datasheet
70Kb / 8P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
More results

Similar Description - 2N5064

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com