Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

POE370U-480 Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # POE370U-480
Description  8/16/24 Port Gigabit Power over Ethernet Midspan
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

POE370U-480 Datasheet(HTML) 2 Page - Phihong USA Inc.

  POE370U-480 Datasheet HTML 1Page - Phihong USA Inc. POE370U-480 Datasheet HTML 2Page - Phihong USA Inc. POE370U-480 Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
POE370U Characteristics
WWW.PHIHONG.COM
INPUT:
AC Input Voltage Range
90 to 264VAC
AC Input Voltage Rating
100 to 240VAC
AC Input Current
5.5A (RMS) maximum for 90VAC
2.75A (RMS) maximum for 240VAC
Leakage Current
3.5mA maximum @ 254VAC 60Hz
AC Input Frequency
47-63Hz
AC Inrush Current
30A (RMS) maximum for 115VAC
60A (RMS) maximum for 230VAC
OUTPUT:
Total Output Power
15.4W per port
Ripple and Regulation
100mV maximum
Efficiency
75% (typical) at maximum load, and 120VAC 60Hz
Hold-up Time
16mS min. 120VAC at maximum load
Transient O/P Voltage Protection
60V maximum at switch on and off at any AC line Phase
Turn-On Delay Time
3 sec maximum at maximum load, and 120VAC 60Hz,
25Hz
ENVIRONMENTAL:
Temperature
Operation
0 to +40°C
Non-operation
-25 to +65°C
Humidity
Operation
5 to 90%
Non-Operation
5 to 90%
EMC
En55022 Class B, FCC Class B with FTP cabling
EN55022 Class A, FCC Class A with UTP cabling
Isolation Test
Primary to Secondary: 4242VDC for 1 minute
Primary to Ground: 2121VDC for 1 minute
Secondary to Ground: 2121VDC for 1 minute
Immunity EN50082-1
ESD:
EN61000-4-2. Level 3
RS:
EN61000-4-3. Level 2
EFT:
EN61000-4-4. Level 2
Surge:
EN61000-4-5. Level 3
CS:
EN61000-4-6. Level 2
Voltage Dips
EN61000-4-11
Harmonic:
EN61000-3-2 Class A
IEEE 802.3af Interoperability
UNH Interoperability report available on request
FEATURE:
Cisco Legacy detection
No extern parts required for Legacy devices:
VoIP Phones:
7910, 7912, 7940, 7960
Access Points:
350, 1100, 1200
Over Voltage/Current, Short Circuit Protection
Outputs equipped with short circuit protection and
overload protection as per 802.3af specifications
The output can be shorted permanently without damage
Over Temperature Protection
Automatic shutdown without damage
Indicators
Green LED: Power detected “ON”
Yellow LED: Fault detected
USB Diagnostics Port
USB “B” port for diagnostics and manual port control
Windows GUI
Input Connector
AC
IEC320 inlet 3 pin
DC for RPS option
Molex Minifit
Shell 39-01-20-65
Pins 39-00-0077
Warranty
Limited Lifetime Warranty


Similar Part No. - POE370U-480

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
POE300F-12L COILCRAFT-POE300F-12L Datasheet
205Kb / 2P
   PoE Plus Transformers
POE300F-12L COILCRAFT-POE300F-12L Datasheet
115Kb / 2P
   Flyback Transformers
POE300F-12LB COILCRAFT-POE300F-12LB Datasheet
83Kb / 2P
   Flyback Transformers
POE300F-12LD COILCRAFT-POE300F-12LD Datasheet
83Kb / 2P
   Flyback Transformers
POE300F-19L COILCRAFT-POE300F-19L Datasheet
205Kb / 2P
   PoE Plus Transformers
More results

Similar Description - POE370U-480

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
POE125U-8 PHIHONG-POE125U-8_14 Datasheet
86Kb / 2P
   8 Port Gigabit Power over Ethernet Midspan
POE125U-8 PHIHONG-POE125U-8 Datasheet
456Kb / 2P
   8 Port Gigabit Power Over Ethernet Midspan
POE31U-1AT PHIHONG-POE31U-1AT_14 Datasheet
168Kb / 2P
   30W Single Port Power over Ethernet Midspan
POE21U-1AF PHIHONG-POE21U-1AF Datasheet
168Kb / 2P
   19.6W Single Port Power over Ethernet Midspan
POE31U-1AT PHIHONG-POE31U-1AT Datasheet
168Kb / 2P
   30W Single Port Power over Ethernet Midspan
POE31U-560DO PHIHONG-POE31U-560DO Datasheet
111Kb / 2P
   30W Dual Port Passive Power-over-Ethernet Midspan
POE240U-2MPN PHIHONG-POE240U-2MPN Datasheet
79Kb / 3P
   2 Port 95W per Port Power over Ethernet Midspan
POE75D-1UP PHIHONG-POE75D-1UP Datasheet
73Kb / 3P
   75W DC Input Power over Ethernet Midspan Ultra Power over Ethernet Single Port Injector
POE33U-560DO PHIHONG-POE33U-560DO Datasheet
399Kb / 6P
   Outdoor 33.6W Dual Port Passive Power-over-Ethernet Midspan
logo
List of Unclassifed Man...
TL-SG1016D ETC2-TL-SG1016D Datasheet
409Kb / 3P
   8/16/24-Port Gigabit Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com