Electronic Components Datasheet Search |
|
ECA1CHG471 Datasheet(PDF) 2 Page - Panasonic Semiconductor |
|
ECA1CHG471 Datasheet(HTML) 2 Page - Panasonic Semiconductor |
2 / 5 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Aluminum Electrolytic Capacitors/ NHG – EEE-100 – ■ Standard Products W.V. Cap. (±20 %) Case size Specification Lead Length Part No. Min. Packaging Q'ty Dia. Length Ripple Current (120 Hz) (+105 °C) tan d (120 Hz) (+20 °C) Endur- ance Lead Dia. Lead Space Straight Leads Taping Straight Taping ✽B Taping ✽i (V) (μF) (mm) (mm) (mA r.m.s.) (hours) (mm) (mm) (mm) (mm) (pcs) (pcs) 6.3 220 5 11 140 0.28 1000 0.5 2.0 5.0 2.5 ECA0JHG221( ) 200 2000 470 6.3 11.2 230 0.28 1000 0.5 2.5 5.0 2.5 ECA0JHG471( ) 200 2000 1000 8 11.5 380 0.28 1000 0.6 3.5 5.0 ECA0JHG102( ) 200 1000 2200 10 16 710 0.30 2000 0.6 5.0 5.0 ECA0JHG222( ) 200 500 3300 10 20 840 0.32 2000 0.6 5.0 5.0 ECA0JHG332( ) 200 500 4700 12.5 20 1090 0.34 2000 0.6 5.0 5.0 ECA0JHG472( ) 200 500 6800 12.5 25 1350 0.38 2000 0.6 5.0 5.0 ECA0JHG682( ) 200 500 10000 16 25 1650 0.46 2000 0.8 7.5 7.5 ECA0JHG103( ) 100 250 15000 16 31.5 2010 0.56 2000 0.8 7.5 ECA0JHG153 100 22000 18 35.5 2350 0.70 2000 0.8 7.5 ECA0JHG223 50 10 330 6.3 11.2 200 0.24 1000 0.5 2.5 5.0 2.5 ECA1AHG331( ) 200 2000 470 8 11.5 250 0.24 1000 0.6 3.5 5.0 ECA1AHG471( ) 200 1000 1000 10 12.5 460 0.24 2000 0.6 5.0 5.0 ECA1AHG102( ) 200 500 2200 10 20 760 0.26 2000 0.6 5.0 5.0 ECA1AHG222( ) 200 500 3300 12.5 20 1000 0.28 2000 0.6 5.0 5.0 ECA1AHG332( ) 200 500 4700 12.5 25 1260 0.30 2000 0.6 5.0 5.0 ECA1AHG472( ) 200 500 6800 16 25 1570 0.34 2000 0.8 7.5 7.5 ECA1AHG682( ) 100 250 10000 16 31.5 1890 0.42 2000 0.8 7.5 ECA1AHG103 100 15000 18 35.5 2180 0.52 2000 0.8 7.5 ECA1AHG153 50 16 100 5 11 110 0.20 1000 0.5 2.0 5.0 2.5 ECA1CHG101( ) 200 2000 220 6.3 11.2 180 0.20 1000 0.5 2.5 5.0 2.5 ECA1CHG221( ) 200 2000 330 8 11.5 260 0.20 1000 0.6 3.5 5.0 ECA1CHG331( ) 200 1000 470 8 11.5 310 0.20 1000 0.6 3.5 5.0 ECA1CHG471( ) 200 1000 1000 10 16 560 0.20 2000 0.6 5.0 5.0 ECA1CHG102( ) 200 500 2200 12.5 20 920 0.22 2000 0.6 5.0 5.0 ECA1CHG222( ) 200 500 3300 12.5 25 1170 0.24 2000 0.6 5.0 5.0 ECA1CHG332( ) 200 500 4700 16 25 1480 0.26 2000 0.8 7.5 7.5 ECA1CHG472( ) 100 250 6800 16 31.5 1780 0.30 2000 0.8 7.5 ECA1CHG682 100 10000 18 35.5 2060 0.38 2000 0.8 7.5 ECA1CHG103 50 25 47 5 11 91 0.16 1000 0.5 2.0 5.0 2.5 ECA1EHG470( ) 200 2000 100 6.3 11.2 130 0.16 1000 0.5 2.5 5.0 2.5 ECA1EHG101( ) 200 2000 220 8 11.5 230 0.16 1000 0.6 3.5 5.0 ECA1EHG221( ) 200 1000 330 8 11.5 310 0.16 1000 0.6 3.5 5.0 ECA1EHG331( ) 200 1000 470 10 12.5 380 0.16 2000 0.6 5.0 5.0 ECA1EHG471( ) 200 500 1000 10 20 680 0.16 2000 0.6 5.0 5.0 ECA1EHG102( ) 200 500 2200 12.5 25 1090 0.18 2000 0.6 5.0 5.0 ECA1EHG222( ) 200 500 3300 16 25 1400 0.20 2000 0.8 7.5 7.5 ECA1EHG332( ) 100 250 4700 16 31.5 1750 0.22 2000 0.8 7.5 ECA1EHG472 100 6800 18 35.5 2040 0.26 2000 0.8 7.5 ECA1EHG682 50 35 47 5 11 90 0.14 1000 0.5 2.0 5.0 2.5 ECA1VHG470( ) 200 2000 100 6.3 11.2 150 0.14 1000 0.5 2.5 5.0 2.5 ECA1VHG101( ) 200 2000 220 8 11.5 270 0.14 1000 0.6 3.5 5.0 ECA1VHG221( ) 200 1000 330 10 12.5 350 0.14 2000 0.6 5.0 5.0 ECA1VHG331( ) 200 500 470 10 16 460 0.14 2000 0.6 5.0 5.0 ECA1VHG471( ) 200 500 1000 12.5 20 810 0.14 2000 0.6 5.0 5.0 ECA1VHG102( ) 200 500 2200 16 25 1260 0.16 2000 0.8 7.5 7.5 ECA1VHG222( ) 100 250 3300 16 31.5 1610 0.18 2000 0.8 7.5 ECA1VHG332 100 4700 18 35.5 1910 0.20 2000 0.8 7.5 ECA1VHG472 50 · When requesting taped product, please put the letter "B" or "i" between the "( )". Lead wire pitch ✽B=5 mm, 7.5 mm, i=2.5 mm. · Please refer to the page of “Taping Dimensions”. 02 May. 2014 |
Similar Part No. - ECA1CHG471 |
|
Similar Description - ECA1CHG471 |