Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHHD003A0A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SHHD003A0A
Description  SHHD003A0A Hammerhead* Series; DC-DC Converter Power Modules 18-75Vdc Input; 5.0Vdc, 3A, 15W Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHHD003A0A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SHHD003A0A Datasheet HTML 1Page - List of Unclassifed Manufacturers SHHD003A0A Datasheet HTML 2Page - List of Unclassifed Manufacturers SHHD003A0A Datasheet HTML 3Page - List of Unclassifed Manufacturers SHHD003A0A Datasheet HTML 4Page - List of Unclassifed Manufacturers SHHD003A0A Datasheet HTML 5Page - List of Unclassifed Manufacturers SHHD003A0A Datasheet HTML 6Page - List of Unclassifed Manufacturers SHHD003A0A Datasheet HTML 7Page - List of Unclassifed Manufacturers SHHD003A0A Datasheet HTML 8Page - List of Unclassifed Manufacturers SHHD003A0A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
GE
Data Sheet
SHHD003A0A Hammerhead Series; DC-DC Converter Power Modules
18-75Vdc Input; 5.0Vdc, 3A, 15W Output
June 26, 2013
©2012 General Electric Company. All rights reserved.
Page 2
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress ratings
only, functional operation of the device is not implied at these or any other conditions in excess of those given in the operations
sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect the device reliability.
Parameter
Device
Symbol
Min
Max
Unit
Input Voltage (Continuous)
All
VIN
-0.3
80
Vdc
Transient (100ms)
All
VIN, trans
-0.3
100
Vdc
Operating Ambient Temperature
All
TA
-40
85
°C
(see Thermal Considerations section)
Storage Temperature
All
Tstg
-55
125
°C
Altitude*
All
4000
m
I/O Isolation Voltage (100% factory Hi-Pot tested)
All
2250
Vdc
* For higher altitude applications, contact your GE Sales Representative for alternative conditions of use.
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature conditions.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
All
VIN
18
24/48
75
Vdc
Input No Load Current
VIN = 24Vdc, (IO = 0, module enabled)
All
IIN,No load
40
mA
VIN = 48Vdc, (IO = 0, module enabled)
All
IIN,No load
30
mA
Input Stand-by Current
All
IIN,stand-by
4
6
mA
(VIN = 24 to 48Vdc, module disabled)
Maximum Input Current (VIN=18Vdc, IO=IO, max)
All
IIN,max
1.1
Adc
Inrush Transient
All
I2t
0.05
A2s
Input Reflected Ripple Current, peak-to-peak
(5Hz to 20MHz, 12μH source impedance; VIN=0V to 75Vdc, IO= IOmax ;
see Test configuration section)
All
30
mAp-p
Input Ripple Rejection (120Hz)
All
60
dB
EMC, EN55022
See EMC Considerations section
CAUTION: This power module is not internally fused. An input line fuse must always be used.
This power module can be used in a wide variety of applications, ranging from simple standalone operation to being part of
complex power architecture. To preserve maximum flexibility, internal fusing is not included; however, to achieve maximum safety
and system protection, always use an input line fuse. The safety agencies require a fast-acting fuse with a maximum rating of 3 A
(see Safety Considerations section). Based on the information provided in this data sheet on inrush energy and maximum dc input
current, the same type of fuse with a lower rating can be used. Refer to the fuse manufacturer’s data sheet for further information.


Similar Part No. - SHHD003A0A

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SHH-1B4532-132 SUMIDA-SHH-1B4532-132 Datasheet
366Kb / 3P
   Multilayer Chip Ferrite Beads
SHH-1M1005-100 SUMIDA-SHH-1M1005-100 Datasheet
334Kb / 2P
   Multilayer Chip Ferrite Beads
SHH-1M1005-102 SUMIDA-SHH-1M1005-102 Datasheet
334Kb / 2P
   Multilayer Chip Ferrite Beads
SHH-1M1005-221 SUMIDA-SHH-1M1005-221 Datasheet
334Kb / 2P
   Multilayer Chip Ferrite Beads
SHH-1M1005-471 SUMIDA-SHH-1M1005-471 Datasheet
334Kb / 2P
   Multilayer Chip Ferrite Beads
More results

Similar Description - SHHD003A0A

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
SSTW003A0A LINEAGEPOWER-SSTW003A0A Datasheet
801Kb / 15P
   36-75Vdc Input; 5.0Vdc, 3A, 15W Output
logo
General Electric Compan...
QBVW025A0B GEC-QBVW025A0B Datasheet
1Mb / 19P
   Barracuda* Series; DC-DC Converter Power Modules 36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
Version 1.3 May 9, 2013
logo
Lineage Power Corporati...
SW001A0C91Z LINEAGEPOWER-SW001A0C91Z_09 Datasheet
416Kb / 24P
   SW/SC001/003 Series DC-DC Converter Power Modules 18-36V & 36-75Vdc Input; 3.3V-15Vdc Output; 1-3.5A Output Current
ESTW015A0A LINEAGEPOWER-ESTW015A0A Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc, 15A, 75W Output
QBVW025A0B LINEAGEPOWER-QBVW025A0B Datasheet
1Mb / 18P
   QBVW025A0B Series Power Modules; DC-DC Converters 36-75Vdc Input; 12Vdc Output; 25A Output Current
ver 1.3 May 16, 2012
EVW020A0A41Z LINEAGEPOWER-EVW020A0A41Z Datasheet
862Kb / 19P
   36-75Vdc Input; 5.0Vdc Output; 20A Output Current
EHW015A0A1 LINEAGEPOWER-EHW015A0A1 Datasheet
1Mb / 19P
   36-75Vdc Input; 5.0Vdc Output; 15A Output Current
EBVW006A0B LINEAGEPOWER-EBVW006A0B Datasheet
1Mb / 18P
   EBVW006A0B Series (Eighth-Brick) DC-DC Converter Power Modules 36 - 75Vdc Input; 12V/6AdcOutput
ver. 1.1 September 14, 2012
logo
Mean Well Enterprises C...
SD-15 MEANWELL-SD-15_11 Datasheet
265Kb / 2P
   15W Single Output DC-DC Converter
SD-15 MEANWELL-SD-15_11 Datasheet
265Kb / 2P
   15W Single Output DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com