Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST20-36F2 Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # ST20-36F2
Description  Single Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

ST20-36F2 Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  ST20-36F2 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd ST20-36F2 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd ST20-36F2 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd ST20-36F2 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
■特性図 CHARACTERI
STI
C DI
AGRAMS
せん頭サージ逆電流
‒クランピング電圧
IRSM vs VCL
100
10
0.1
0.001
0.01
20
30
25
40
35
50
45
IR‒Tj 特性
Reverse Current vs Junction Temperature
VBR‒Tj 特性
Breakdown Voltage vs Junction Temperature
5000
1000
10
100
0.1
25
32
36
34
42
40
38
−50 −25 0 25 50 75 100 125
125
150 175
175
100
150
75
50
接合容量
Junction Capacitance
1
100
1000
1000
100
10
接合容量
Junction Capacitance
200
5000
1000
200
1000
900
600
700
10
500
800
400
300
0.1
10
30
Clamping Voltage VCL 〔V〕
Junction Temperature Tj〔℃〕
Junction Temperature Tj〔℃〕
Reverse Voltage VR 〔V〕
Pulse Width tp 〔ms〕
Frequency f 〔kHz〕
せん頭サージ逆電流耐量
Peak Surge Reverse Current
過渡熱抵抗
Transient Thermal Impedance
1000
100
0.001
0.01
10
0.1
Time t〔s〕
10−4 10−3 10−2 10−1 100
101
10
10
TYP
Pulse test
IB = 1mA
TYP
Tl= 25℃
OSC = 20mV
VR = 27V
TYP
Tl= 25℃
OSC = 20mV
f = 1000kHZ
TYP
Pulse test
VR = 27V
0.01
0.1
10
θ
θja
ja
θja
θ
θjjll
θjl
Tl=25℃
10/1000μs
TYP
exponential wave
IRSM
IRSM/2
tp
0
Tl-sensing point
on glass - epoxy substrate
soldering land : 2.0mm
Cu layer : 35μm
Cu pattern area : 44.52mm2
*Si
newaveは50Hzで測定しています。
* 50Hzsi
newavei
susedf
ormeasur
ement
s.
ST20-36F2
U180-p2013.04〉)
2014.01


Similar Part No. - ST20-36F2

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
ST20-30F2 SHINDENGEN-ST20-30F2 Datasheet
151Kb / 4P
   Single Zener Diode
ST20-33F2 SHINDENGEN-ST20-33F2 Datasheet
151Kb / 4P
   Single Zener Diode
More results

Similar Description - ST20-36F2

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
ST02-280F1 SHINDENGEN-ST02-280F1 Datasheet
159Kb / 4P
   Single Zener Diode
ST04-20F1 SHINDENGEN-ST04-20F1 Datasheet
158Kb / 4P
   Single Zener Diode
ST20-30F2 SHINDENGEN-ST20-30F2 Datasheet
151Kb / 4P
   Single Zener Diode
ST02-200F1 SHINDENGEN-ST02-200F1 Datasheet
159Kb / 4P
   Single Zener Diode
ST04-30F1 SHINDENGEN-ST04-30F1 Datasheet
158Kb / 4P
   Single Zener Diode
ST04-12F1 SHINDENGEN-ST04-12F1 Datasheet
160Kb / 4P
   Single Zener Diode
ST04-36F1 SHINDENGEN-ST04-36F1 Datasheet
191Kb / 4P
   Single Zener Diode
logo
Nexperia B.V. All right...
BZX100A NEXPERIA-BZX100A Datasheet
1Mb / 10P
   Single Zener diode
Rev. 01 - 30 May 2007
logo
NXP Semiconductors
BZX100A NXP-BZX100A Datasheet
192Kb / 10P
   Single Zener diode
Rev. 01-30 May 2007
logo
Shindengen Electric Mfg...
ST20-27F2 SHINDENGEN-ST20-27F2 Datasheet
151Kb / 4P
   Single Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com