Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA500 Datasheet(PDF) 3 Page - Filtronic Compound Semiconductors

Part # FMA500
Description  OC-192 MODULATOR PRE-DRIVER AMPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA500 Datasheet(HTML) 3 Page - Filtronic Compound Semiconductors

  FMA500 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMA500 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA500 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMA500 Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Preliminary Data Sheet
FMA500
OC-192 MODULATOR PRE-DRIVER AMPLIFIER
Phone: (408) 988-1845
http:// www.filss.com
Revised: 3/15/02
Fax: (408) 970-9950
Email: sales@filss.com
• ASSEMBLY DIAGRAM
Notes:
Apply VGG first, then VGC and VDD.
Disconnect VGC first, then VDD and VGG when turning off.
Recommended lead bond technique is thermocompression wedge bonding with 0.001” (25µm) diameter wire. The
bond tool force shall be 35-38 gram. Bonding stage temperature shall be 230-240°C, heated tool (150-160°C) is
recommended. Ultrasonic bonding is not recommended.
The recommended die attach is Ablebond silver epoxy, the stabilize bake temperature is set at 150°C for 45 minutes.
Bond on bond or stitch bonds acceptable.
Conductor over conductor acceptable. Conductors must not short.
Gate bias: VGG = -3.0 V
Gain control: VGC = +1.5 V
Inductor for
drain = 300uH
Chip capacitor: 100nF
GND
VDD=3~5V


Similar Part No. - FMA500

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA501 FILTRONIC-FMA501 Datasheet
682Kb / 4P
   OC-192 MODULATOR DRIVER AMPLIFIER
More results

Similar Description - FMA500

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMA501 FILTRONIC-FMA501 Datasheet
682Kb / 4P
   OC-192 MODULATOR DRIVER AMPLIFIER
logo
Zarlink Semiconductor I...
ZL30116 ZARLINK-ZL30116 Datasheet
583Kb / 31P
   SONET/SDH OC-48/OC-192 System Synchronizer
logo
JDS Uniphase Corporatio...
WSH-600DC95SA JDSU-WSH-600DC95SA Datasheet
131Kb / 3P
   Unidirectional OC-192 Optical Regenerator
logo
Zarlink Semiconductor I...
ZL30119 ZARLINK-ZL30119_06 Datasheet
529Kb / 28P
   SONET/SDH OC-48/OC-192 Line Card Synchronizer
ZL30117 ZARLINK-ZL30117 Datasheet
401Kb / 24P
   SONET/SDH OC-48/OC-192 Line Card Synchronizer
logo
Source Photonics, Inc.
FAM-50X1S-T40 SOURCE-FAM-50X1S-T40 Datasheet
248Kb / 14P
   OC-192/STM-64 SFF Transponder
FAM-30X1S-T7 SOURCE-FAM-30X1S-T7 Datasheet
242Kb / 14P
   OC-192/STM-64 SFF Transponder
FAM-70X1S-T40 SOURCE-FAM-70X1S-T40 Datasheet
254Kb / 14P
   OC-192/STM-64 SFF Transponder
logo
Texas Instruments
TRF3520 TI-TRF3520 Datasheet
284Kb / 17P
[Old version datasheet]   GSM RF MODULATOR/DRIVER AMPLIFIER
logo
TriQuint Semiconductor
TGA4807 TRIQUINT-TGA4807 Datasheet
635Kb / 12P
   10.7Gb/s Modulator Driver Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com