Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ494 Datasheet(PDF) 2 Page - NEC

Part # 2SJ494
Description  SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SJ494 Datasheet(HTML) 2 Page - NEC

  2SJ494 Datasheet HTML 1Page - NEC 2SJ494 Datasheet HTML 2Page - NEC 2SJ494 Datasheet HTML 3Page - NEC 2SJ494 Datasheet HTML 4Page - NEC 2SJ494 Datasheet HTML 5Page - NEC 2SJ494 Datasheet HTML 6Page - NEC 2SJ494 Datasheet HTML 7Page - NEC 2SJ494 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
2SJ494
ELECTRICAL CHARACTERISTICS (TA = 25 °C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Drain to Source On-state Resistance
RDS(on)1
VGS = –10 V, ID = –10 A
39
50
m
:
RDS(on)2
VGS = –4 V, ID = –10 A
61
88
m
:
Gate to Source Cutoff Voltage
VGS (off)
VDS = –10 V, ID = –1 mA
–1.0
–1.5
–2.0
V
Forward Transfer Admittance
| yfs |VDS = –10 V, ID = –10 A
8.0
15
S
Drain Leakage Current
IDSS
VDS = –60 V, VGS = 0
–10
PA
Gate to Source Leakage Current
IGSS
VGS = +20 V, VDS = 0
+10
PA
Input Capacitance
Ciss
2360
pF
Output Capacitance
Coss
1060
pF
Reverse Transfer Capacitance
Crss
350
pF
Turn-On Delay Time
td(on)
25
ns
Rise Time
tr
160
ns
Turn-Off Delay Time
td(off)
310
ns
Fall Time
tf
240
ns
Total Gate Charge
QG
74
nC
Gate to Source Charge
QGS
12
nC
Gate to Drain Charge
QGD
16
nC
Body Diode Forward Voltage
VF(S-D)
IF = 20 A, VGS = 0
1.0
1.5
V
Reverse Recovery Time
trr
130
ns
Reverse Recovery Charge
Qrr
290
nC
Test Circuit 1 Switching Time
Test Circuit 2 Gate Charge
VDS = –10 V
VGS = 0
f = 1 MHz
ID = –10 A
VGS(on) = –10 V
VDD = –30 V
RG = 10
:
ID = –20 A
VDD = –48 V
VGS = –10 V
IF = 20 A, VGS = 0
di/dt = 100 A/
Ps
PG.
IG = 2 mA
50
D.U.T.
RL
VDD
PG.
RG = 10
D.U.T.
RL
VDD
RG
VGS
0
t = 1 s
Duty Cycle
≤ 1 %
VGS
Wave Form
ID
Wave Form
VGS
ID
10 %
10 %
0
0
90 %
90 %
90 %
10 %
VGS (on)
ID
ton
toff
td (on)
tr
td (off)
tf
t
µ


Similar Part No. - 2SJ494

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
2SJ494 VBSEMI-2SJ494 Datasheet
932Kb / 7P
   P-Channel 60 V (D-S) MOSFET
logo
Renesas Technology Corp
2SJ494 RENESAS-2SJ494 Datasheet
311Kb / 10P
   MOS FIELD EFFECT POWER TRANSISTORS
1998
More results

Similar Description - 2SJ494

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1730 NEC-UPA1730 Datasheet
71Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ330 NEC-2SJ330 Datasheet
339Kb / 6P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ493 NEC-2SJ493 Datasheet
66Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ495 NEC-2SJ495 Datasheet
75Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ329 NEC-2SJ329 Datasheet
344Kb / 6P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ331 NEC-2SJ331 Datasheet
345Kb / 6P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ600 NEC-2SJ600 Datasheet
40Kb / 4P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ601 NEC-2SJ601 Datasheet
54Kb / 4P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ302 NEC-2SJ302 Datasheet
440Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1716 NEC-UPA1716 Datasheet
66Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1717 NEC-UPA1717 Datasheet
65Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com