Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML4756 Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SML4756
Description  Glass Passivated Zener
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SML4756 Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SML4756 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SML4756 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SML4728~SML4764A
Glass Passivated Zener
Electrical Characteristics
TA =25℃ unless otherwise noted
VZ@IZT
@IZT
ZZT@IZT
Nom
mA
ΩΩ
mA
uA
Volts
mApk
3.3
76
10
400
1.0
100
1.0
1380
3.6
69
10
400
1.0
100
1.0
1260
3.9
64
9
400
1.0
50
1.0
1190
4.3
58
9
400
1.0
10
1.0
1070
4.7
53
8
500
1.0
10
1.0
970
5.1
49
7
550
1.0
10
1.0
890
5.6
45
5
600
1.0
10
2.0
810
6.2
41
2
700
1.0
10
3.0
730
6.8
37
3.5
700
1.0
10
4.0
660
7.5
34
4.0
700
0.5
10
5.0
605
8.2
31
4.5
700
0.5
10
6.0
550
9.1
28
5.0
700
0.5
10
7.0
500
10
25
7
700
0.25
10
7.6
454
11
23
8
700
0.25
5
8.4
414
12
21
9
700
0.25
5
9.1
380
13
19
10
700
0.25
5
9.9
344
15
17
14
700
0.25
5
11.4
305
16
15.5
16
700
0.25
5
12.2
285
18
14
20
750
0.25
5
13.7
250
20
12.5
22
750
0.25
5
15.2
225
22
11.5
23
750
0.25
5
16.7
205
24
10.5
25
750
0.25
5
18.2
190
27
9.5
35
750
0.25
5
20.6
170
30
8.5
40
1000
0.25
5
22.8
150
33
7.5
45
1000
0.25
5
25.1
135
36
7.0
50
1000
0.25
5
27.4
125
39
6.5
60
1000
0.25
5
29.7
115
43
6.0
70
1500
0.25
5
32.7
110
47
5.5
80
1500
0.25
5
35.8
95
51
5.0
95
1500
0.25
5
38.8
90
56
4.5
110
2000
0.25
5
42.6
80
62
4.0
125
2000
0.25
5
47.1
70
68
3.7
150
2000
0.25
5
51.7
65
75
3.3
175
2000
0.25
5
56.0
60
82
3.0
200
3000
0.25
5
62.2
55
91
2.8
250
3000
0.25
5
69.2
50
100
2.5
350
3000
0.25
5
76.0
45
Notes:(1)Based on dc-measurement at thermal equilibrium
(2)Surge current is a non-repetitive,8.3 ms pulse width square wave or equivalent sine-wave superimposed on IZT per JEDEC method
SML4728
SML4729
DEVICE
House No.
IR@VR
Surge
Current IRM
SML4733
SML4734
Leakage Current
SML4731
SML4732
SML4730
SML4735
SML4736
SML4737
SML4738
SML4739
SML4740
SML4741
SML4742
SML4743
SML4745
SML4744
SML4746
SML4754
SML4747
SML4748
SML4749
SML4750
SML4764
Zener Voltage
Zener Impedance
ZZK@IZK
SML4759
SML4760
SML4761
SML4762
SML4755
SML4763
SML4756
SML4757
SML4758
SML4751
SML4752
SML4753
http://www.trr-jx.com


Similar Part No. - SML4756

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SML4756 GE-SML4756 Datasheet
39Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ZENER
logo
Shenzhen Luguang Electr...
SML4756 LUGUANG-SML4756 Datasheet
1Mb / 3P
   1.0W Zener Diodes
logo
Vishay Siliconix
SML4756 VISHAY-SML4756 Datasheet
135Kb / 5P
   Surface Mount Zener Diodes
Rev. 1.5, 03-Mar-04
logo
Shanghai Leiditech Elec...
SML4756 LEIDITECH-SML4756 Datasheet
506Kb / 4P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
logo
EIC discrete Semiconduc...
SML4756 EIC-SML4756 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - SML4756

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
DZL4728 JUXING-DZL4728 Datasheet
1Mb / 2P
   Glass Passivated Zener
logo
SHENZHEN YONGERJIA INDU...
1AZ3.3 WINNERJOIN-1AZ3.3 Datasheet
203Kb / 3P
   Glass Passivated Zener
logo
Guangdong Juxing Electr...
SML4728 JUXING-SML4728_09 Datasheet
667Kb / 2P
   Glass Passivated Zener
logo
General Semiconductor
Z4KE100 GE-Z4KE100 Datasheet
41Kb / 2P
   GLASS PASSIVATED ZENER
logo
DONGGUAN YOU FENG WEI E...
SML4728 YFWDIODE-SML4728 Datasheet
82Kb / 2P
   Glass Passivated Zener
logo
Shenzhen Luguang Electr...
DZL4728 LUGUANG-DZL4728 Datasheet
998Kb / 2P
   Glass Passivated Zener
logo
Shenzhen Taychipst Elec...
ZY6V2GP TAYCHIPST-ZY6V2GP Datasheet
7Mb / 2P
   Glass Passivated Zener Diode
logo
General Semiconductor
ZGL41-100 GE-ZGL41-100 Datasheet
40Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ZENER
GLL4735 GE-GLL4735 Datasheet
37Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ZENER
SML4735 GE-SML4735 Datasheet
39Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ZENER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com