Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP42 Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # TIP42
Description  Complementary Silicon Power Transistor 6A/40~100V/65W
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

TIP42 Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  TIP42 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd TIP42 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd TIP42 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd TIP42 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd TIP42 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
Collector Current, l (A)
C
Fig.5 Turn-off time
Fig.3 Active region safe operating area
Fig.4 Turn-on time
2.0
20
40
0
60
0.5
0.2
10
60
0.05
3.0
0.5
0.3
0.2
6.0
4.0
0.06
0.2
0.7
0.4
0.2
0.1
0.06
Collector current , I (A)
C
Page 3 of 5
www.nellsemi.com
1.0
0
20
40
60
80
100
120
80
140
160
4.0
2.0
1.0
0.6
0.5
1.0
2.0
TC
TA
5.0
10
20
40
0.3
0.1
2.0
1.0
3.0
0.1
0.2
0.4 0.6
5.0
1.0
0.1
1.0
2.0
Temperature, T (°C)
TIP41 (NPN) Series
TIP42 (PNP) Series
TC
TA
3.0
4.0
0
tr
T = 25
°C
J
V
= 30V
CC
I /I = 10
C
B
t @ V
≈ 5.0V
d
BE(off)
6.0
0.05
0.1
0.07
0.02
0.03
Second Breakdown Limited
Thermal limit @ T = 25
˚C
J
Bonding wire limit
CURVES APPLY
BELLOW RATED VCEO
TIP41A,TIP42A
TIP41B,TIP42B
TIP41C,TIP42C
1.0ms
5.0ms
0.5ms
T = 150
°C
J
TIP41.TIP42
(Single pulse)
80100
5.0
There are two limitations on the power handling ability of a transistor:
average junction temperature and second breakdown. Safe operating
area curves indicate l -V
limits of the transistor that must be observed
C
CE
for reliable operation; i.e., the
must not be subjected to
dissipation than the curve indicate.
transistor
The data of fig.3 is based on T
= 150°C; T is variable depending on
conditions. Second breakdown pulse limits are valid for duty cycles to10%
provided T
°C. T
may be
greater
J(pk)
C
≤ 150
calulated form the data in Figure 13.
J(pk)
J(pk)
At high case temperatures, thermal limitations will reduce the power that
can be handled to values less than the limitations imposed by second
breakdown.
Collector-emitter voltage , V
(V)
CE
I
= I
B1
B2
I / I = 10
C
B
V
= 30V
CC
T = 25°C
J
tS
tf
0.07
0.7
2.0
0.3
+11 V
25 µs
0
-9.0 V
RB
-4 V
SCOPE
D1
VCC
+30 V
Rc
t , tf ≤10 ns
DUTY CYCLE = 1.0%
RB and RC VARIED TO OBTAIN DESIRED
D1 MUST BE FAST RECOVERY TYPE, e.g.:
1N5825 USED ABOVE IB ≈ 100 mA
MSD6100 USED BELOW IB ≈100 mA
Fig.1 Power Derating
Fig.2 Switching time test circuit
CURRENT LEVELS
r


Similar Part No. - TIP42

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP42 MOSPEC-TIP42 Datasheet
189Kb / 4P
   POWER TRANSISTORS(6A,40-100V,65W)
logo
ON Semiconductor
TIP42 ONSEMI-TIP42 Datasheet
99Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2007 - Rev. 7
logo
Guangdong Kexin Industr...
TIP42 KEXIN-TIP42 Datasheet
1Mb / 3P
   PNP Transistors
logo
Power Innovations Ltd
TIP42 POINN-TIP42 Datasheet
86Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Micro Commercial Compon...
TIP42 MCC-TIP42 Datasheet
243Kb / 2P
   Silicon PNP Power Transistors
More results

Similar Description - TIP42

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP41 MOSPEC-TIP41 Datasheet
189Kb / 4P
   POWER TRANSISTORS(6A,40-100V,65W)
logo
Nell Semiconductor Co.,...
TIP35 NELLSEMI-TIP35 Datasheet
246Kb / 3P
   Complementary Silicon Power Transistor 25A/40~100V/125W
logo
Mospec Semiconductor
BD243 MOSPEC-BD243 Datasheet
127Kb / 3P
   POWER TRANSISTORS(6A,65W)
TIP41D MOSPEC-TIP41D Datasheet
173Kb / 4P
   POWER TRANSISTORS(6A,120-160V,65W)
TIP120 MOSPEC-TIP120 Datasheet
206Kb / 4P
   POWER TRANSISTORS(5.0A,60-100V,65W)
logo
STMicroelectronics
BD243C STMICROELECTRONICS-BD243C Datasheet
78Kb / 8P
   COMPLEMENTARY SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CJD340 CENTRAL-CJD340 Datasheet
453Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTOR
CJD32C CENTRAL-CJD32C Datasheet
126Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTOR
CJD200 CENTRAL-CJD200 Datasheet
486Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTOR
logo
Nell Semiconductor Co.,...
TIP31 NELLSEMI-TIP31 Datasheet
261Kb / 5P
   Complementary Silicon Power Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com