Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1050QN Datasheet(PDF) 1 Page - Visual Communications Company

Part # 1050QN
Description  Non-Relampable Neon Indicator Light
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

1050QN Datasheet(HTML) 1 Page - Visual Communications Company

  1050QN Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
1050QN, 1052QN Series Non-Relampable Neon Indicator Light
Description and Features
Mounting: Will snap-fit into Ø.500/.505 hole in panels
.020/.100 thick. Push-on speednut SN0461
also available. Mounting hole pattern on page SP2.
Terminals: Quick-connect, tinned brass
Lens: Polycarbonate
Bezel: Polished stainless steel. For black finish add “X”
after the series letter(s).
Housing: White Nylon
All dimensions
in inches.
Lamp used
G reen
White
Amber
R ed
Lens C olor
A2A+R esistor
1052QN5*
1050QN4
1050QN3
1050QN1
(105-125V AC )
Model No.
Neon
* Incorporates G2B lamp and resistor.
Underwriters Laboratories (UL) File No. E20325
Canadian Standards Association (CSA) File No. LR13346
T E R MINALS
.187
.910
S QUAR E
.640
MAX.
Ø.500
.310


Similar Part No. - 1050QN

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1050QN CML-1050QN Datasheet
219Kb / 1P
   Non-Relampable Neon Indicator Light
1050QN1 CML-1050QN1 Datasheet
219Kb / 1P
   Non-Relampable Neon Indicator Light
1050QN3 CML-1050QN3 Datasheet
219Kb / 1P
   Non-Relampable Neon Indicator Light
1050QN4 CML-1050QN4 Datasheet
219Kb / 1P
   Non-Relampable Neon Indicator Light
More results

Similar Description - 1050QN

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1050QN CML-1050QN Datasheet
219Kb / 1P
   Non-Relampable Neon Indicator Light
4700A CML-4700A Datasheet
221Kb / 1P
   Non-Relampable Neon Indicator Light
2330D CML-2330D Datasheet
220Kb / 1P
   Non-Relampable Neon Indicator Light
2620K CML-2620K Datasheet
220Kb / 1P
   Non-Relampable Neon Indicator Light
logo
Visual Communications C...
2620T VCC-2620T Datasheet
63Kb / 1P
   Non-Relampable Neon Indicator Light
2620QK VCC-2620QK Datasheet
64Kb / 1P
   Non-Relampable Neon Indicator Light
2620K VCC-2620K Datasheet
62Kb / 1P
   Non-Relampable Neon Indicator Light
4700A VCC-4700A Datasheet
61Kb / 1P
   Non-Relampable Neon Indicator Light
2330D VCC-2330D Datasheet
69Kb / 1P
   Non-Relampable Neon Indicator Light
logo
Chicago Miniature Lamp,...
2620QK CML-2620QK Datasheet
219Kb / 1P
   Non-Relampable Neon Indicator Light
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com