Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1052QA6 Datasheet(PDF) 1 Page - Visual Communications Company

Part # 1052QA6
Description  Non-Relampable Neon Indicator Lights
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

1052QA6 Datasheet(HTML) 1 Page - Visual Communications Company

  1052QA6 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
1050QA, 1051QA, 1052QA and 1053A Series Non-Relampable
Neon Indicator Lights
Description and Features
Mounting: Will snap-fit into Ø.500/.505 hole in panels
.020/.100 thick. Push-on speednut SN0461
also available. Mounting hole pattern on page SP2.
Terminals: Quick-connect, tinned brass
Lens: Polycarbonate
Bezel: Polished stainless steel. For black finish add “X”
after the series letter(s).
Housing: White Nylon
* Incorporates G2B lamp and resistor.
** Incorporates T2B lamp and resistor.
Underwriters Laboratories (UL) File No. E20325
Canadian Standards Association (CSA) File No. LR13346
All dimensions
in inches.
G reen
White
Amber
C lear
R ed
Lens C olor
1052QA5*
1050QA4
1050QA3
1050QA2
1050QA1
(105-125V AC )
Model No.
Neon
1053QA5*
1051QA4
1051QA3
-
1051QA1
(208-250V )
Model No.
B lue
1052QA6**
1053QA6**
Lamp used
C 2A+R esistor
Quick C onnect T erminals
.530
.630
MAX.
Ø.500
.910
T E R MINALS
.187


Similar Part No. - 1052QA6

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1052QA6 CML-1052QA6 Datasheet
221Kb / 1P
   Non-Relampable Neon I ndicator Lights
More results

Similar Description - 1052QA6

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1030QD CML-1030QD Datasheet
220Kb / 1P
   Non-Relampable Neon Indicator Lights
2150QA CML-2150QA Datasheet
220Kb / 1P
   Non-Relampable Neon Indicator Lights
1090QA CML-1090QA Datasheet
220Kb / 1P
   Non-Relampable Neon Indicator Lights
logo
Visual Communications C...
2150QA VCC-2150QA Datasheet
64Kb / 1P
   Non-Relampable Neon Indicator Lights
2110QA VCC-2110QA Datasheet
64Kb / 1P
   Non-Relampable Neon Indicator Lights
1030QD VCC-1030QD Datasheet
64Kb / 1P
   Non-Relampable Neon Indicator Lights
logo
Chicago Miniature Lamp,...
2110QA CML-2110QA Datasheet
220Kb / 1P
   Non-Relampable Neon Indicator Lights
2620T CML-2620T Datasheet
220Kb / 1P
   Non-Relampable Neon Indicator Lights
logo
Visual Communications C...
2150A VCC-2150A Datasheet
65Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
2110A VCC-2110A Datasheet
65Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com