Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1090C5-28V Datasheet(PDF) 1 Page - Visual Communications Company

Part # 1090C5-28V
Description  Non-Relampable Incandescent Indicator Lights
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

1090C5-28V Datasheet(HTML) 1 Page - Visual Communications Company

  1090C5-28V Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
1050C, 1051C, 1052C, 1053C and 1090C Series Non-Relampable
Incandescent Indicator Lights
Description and Features
Mounting: Will snap-fit into Ø.500/.505 hole in panels
.020/.100 thick. Push-on speednut SN0461
also available. Mounting hole pattern on page SP2.
Wire Leads: No. 22 AWG (105°C) 4.40/4.80 long,
stripped .430/.570
Lens: Nylon on model 1050C1, 1050C3, 1050C4,
1051C1, 1051C3, 1051C4, Polycarbonate on all
other models.
Bezel: Polished stainless steel. For black finish add “X”
after the series letter(s).
Housing: White Nylon
* Incorporates G2B lamp and resistor.
Underwriters Laboratories (UL) File No. E20325
Canadian Standards Association (CSA) File No. LR13346
All dimensions
in inches.
One B lack/One R ed
C 2A+R esistor
1053C 5*
1051C 4
1051C 3
1051C 2
1051C 1
(208-250V)
Model No.
B lack
C 2A+R esistor
1052C 5*
1050C 4
1050C 3
1050C 2
1050C 1
(105-125V AC )
Model No.
Lead C olor
Lamp used
G reen
White
Amber
C lear
R ed
Lens C olor
Neon
Y ellow
#2162
1090C 5-12V
1090C 4-12V
1090C 3-12V
-
1090C 1-12V
(12V )
Model No.
P urple
#2187
1090C 5-28V
1090C 4-28V
1090C 3-28V
-
1090C 1-28V
(28V )
Model No.
Incandescent
.310
MAX.
Ø.500
.630
.910


Similar Part No. - 1090C5-28V

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1090C5-28V CML-1090C5-28V Datasheet
220Kb / 1P
   Neon-Incandescent Indicator Lights
More results

Similar Description - 1090C5-28V

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
2195QA CML-2195QA Datasheet
229Kb / 1P
   Non-Relampable Incandescent Indicator Lights
2990D CML-2990D Datasheet
219Kb / 1P
   Non-Relampable Incandescent Indicator Lights
2990P CML-2990P Datasheet
221Kb / 1P
   Non-Relampable Incandescent Indicator Lights
logo
Visual Communications C...
1090QA VCC-1090QA Datasheet
63Kb / 1P
   Non-Relampable Incandescent Indicator Lights
2195QA VCC-2195QA Datasheet
62Kb / 1P
   Non-Relampable Incandescent Indicator Lights
logo
Chicago Miniature Lamp,...
1050QC CML-1050QC Datasheet
220Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
2330QD CML-2330QD Datasheet
219Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
logo
Visual Communications C...
2150A VCC-2150A Datasheet
65Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
2110A VCC-2110A Datasheet
65Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
1050QC VCC-1050QC Datasheet
64Kb / 1P
   Non-Relampable Neon-Incandescent Indicator Lights
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com