Electronic Components Datasheet Search |
|
V68ZA3P Datasheet(PDF) 2 Page - Littelfuse |
|
V68ZA3P Datasheet(HTML) 2 Page - Littelfuse |
2 / 14 page 68 www .littelfuse .com Varistor Products ZA Varistor Series Low to Medum Voltage, Radial Lead Absolute Maximum Ratings For ratings of individual members of a series, see Device Ratings and Specifications chart. Continuous: Steady State Applied Voltage: AC Voltage Range (VM(AC)RMS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 to 460 V DC Voltage Range (VM(DC)) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5 to 615 V Transient: Peak Pulse Current (ITM) For 8/20µs Current Wave (See Figure 2). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 to 6500 A Single Pulse Energy Range (Note 1) For 10/1000µs Current Wave (WTM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.1 to 52 J Operating Ambient Temperature Range (TA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to85 o C Storage Temperature Range (TSTG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to125 o C Temperature Coefficient ( V) of Clamping Voltage (VC) at Specified Test Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <0.01 %/oC Hi-Pot Encapsulation (Isolation Voltage Capability) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2500 V (Dielectric must withstand indicated DC voltage for one minute per MIL-STD 202, Method 301) Insulation Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000 MΩ CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Device Ratings and Specifications (Note 1) ZA SERIES UNITS PART NUMBER MODEL SIZE DISC DIA. (mm) BRANDING MAXIMUM RATING (85 oC) SPECIFICATIONS (25 oC) CONTINUOUS TRANSIENT VARISTOR VOLT- AGE AT 1mA DC TEST CURRENT MAXIMUM CLAMPING VOLTAGE 8 x 20 µs TYPICAL CAPACI- TANCE f = 1MHz VRMS VDC ENERGY 10 x 1000 µs PEAK CURRENT 8 x 20 µs VM(AC) VM(DC) WTM ITM VNOM MIN VNOM MAX VC IPK C (V) (V) (J) (A) (V) (V) (A) (pF) V8ZA05 5 Z08 4 5.5 0.1 50 6 11 30 1 1400 V8ZA1 7 08Z1 4 5.5 0.4 100 6 11 22 2.5 3000 V8ZA2 10 08Z2 4 5.5 0.8 250 6 11 20 5 7500 V12ZA05 5 Z12 6 8 0.14 50 9 16 37 1 1200 V12ZA1 7 12Z1 6 8 0.6 100 9 16 34 2.5 2500 V12ZA2 10 12Z2 6 8 1.2 250 9 16 30 5 6000 V18ZA05 5 Z18 10 14 0.17 100 14.4 21.6 36 1 1000 V18ZA1 7 18Z1 10 14 0.8 250 14.4 21.6 36 2.5 2000 V18ZA2 10 18Z2 10 14 1.5 500 14.4 21.6 36 5 5000 V18ZA3 14 18Z3 10 14 3.5 1000 14.4 21.6 36 10 11000 V18ZA40 20 18Z40 10 14 80 (Note 2) 2000 14.4 (Note 3) 21.6 37 20 22000 V22ZA05 5 Z22 14 18 0.2 100 18.7 26 43 1 800 V22ZA1 7 22Z1 14 18 0.9 250 18.7 26 43 2.5 1600 V22ZA2 10 22Z2 14 18 2 500 18.7 26 43 5 4000 V22ZA3 14 22Z3 14 18 4 1000 18.7 26 43 10 9000 V24ZA50 20 24Z50 14 18 (Note 4) 100 (Note 2) 2000 19.2 (Note 3) 26 43 20 18000 V27ZA05 5 Z27 17 22 0.25 100 23 31.1 53 1 600 V27ZA1 7 27Z1 17 22 1 250 23 31.1 53 2.5 1300 V27ZA2 10 27Z2 17 22 2.5 500 23 31.1 53 5 3000 V27ZA4 14 27Z4 17 22 5 1000 23 31.1 53 10 7000 V27ZA60 20 27Z60 17 22 120 (Note 2) 2000 23 (Note 3) 31.1 50 20 13000 PART NUMBER BRANDING V8ZA05P PZ08 V8ZA1P P08Z1 V8ZA2P P08Z2 V12ZA05P PZ12 V12ZA1P P12Z1 V12ZA2P P12Z2 V18ZA05P PZ18 V18ZA1P P18Z1 V18ZA2P P18Z2 V18ZA3P P18Z3 V18ZA40P P18Z40 V22ZA05P PZ22 V22ZA1P P22Z1 V22ZA2P P22Z2 V22ZA3P P22Z3 V24ZA50P P24Z50 V27ZA05P PZ27 V27ZA1P P27Z1 V27ZA2P P27Z2 V27ZA4P P27Z4 V27ZA60P P27Z60 LEAD-FREE AND RoHS COMPLIANT MODELS STANDARD MODELS Pb RoHS See Page 70 for NOTES Pb RoHS |
Similar Part No. - V68ZA3P |
|
Similar Description - V68ZA3P |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |