Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V575LA80BP Datasheet(PDF) 4 Page - Littelfuse

Part # V575LA80BP
Description  Radial Lead Varistors LA Series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V575LA80BP Datasheet(HTML) 4 Page - Littelfuse

  V575LA80BP Datasheet HTML 1Page - Littelfuse V575LA80BP Datasheet HTML 2Page - Littelfuse V575LA80BP Datasheet HTML 3Page - Littelfuse V575LA80BP Datasheet HTML 4Page - Littelfuse V575LA80BP Datasheet HTML 5Page - Littelfuse V575LA80BP Datasheet HTML 6Page - Littelfuse V575LA80BP Datasheet HTML 7Page - Littelfuse V575LA80BP Datasheet HTML 8Page - Littelfuse V575LA80BP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 05/23/14
Varistor Products
Radial Lead Varistors > LA Series
Should transients occur in rapid succession, the average
power dissipation is the energy (watt-seconds) per pulse
times the number of pulses per second. The power so
developed must be within the specifications shown on the
Device Ratings and Specifications Table for the specific
Current Energy and Power Dissipation Ratings
Peak Pulse Current Test Waveform
FIGURE 2. PEAK PULSE CURRENT TEST WAVEFORM
100
90
50
10
O1
T
T1
T2
TIME
O1 = Virtual Origin of Wave
T = Time From 10% to 90% of Peak
T1 = Virtual Front time = 1.25 • t
T2 = Virtual Time to Half Value (Impulse Duration)
Example: For an 8/20µs Current Waveform:
8s = T1 = Virtual Front Time
20 s = T2 = Virtual Time to Half Value
0
1 = Virtual Origin of Wave
T = Time from 10% to 90% of Peak
T
1 = Rise Time = 1.25 x T
T
2 = Decay Time
Example - For an 8/20
µs Current Waveform:
8µs = T
1 = Rise Time
20µs = T
2 = Decay Time
100
90
80
70
60
50
40
30
20
10
0
-55
50
60
70
80
90
100110
120130 140150
AMBIENTTEMPERATURE ( oC)
FIGURE 1. CURRENT, ENERGY AND POWER DERATING
CURVE
Figure 1A - Power Derating for Epoxy Coated
Figure 2
FIGURE 1. CURRENT, ENERGY AND POWER DERATING
CURVE
100
90
80
70
60
50
40
30
20
10
0
-55
50
60
70
80
90
100110 120130 140150
AMBIENTTEMPERATURE ( oC)
device. The operating values of a MOV need to be derated
at high temperatures as shown above. Because varistors
only dissipate a relatively small amount of average power
they are not suitable for repetitive applications that involve
substantial amounts of average power dissipation.
Figure 1B - Power Derating for Phenolic Coated


Similar Part No. - V575LA80BP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V575LA80BP LITTELFUSE-V575LA80BP Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V575LA80BP LITTELFUSE-V575LA80BP Datasheet
833Kb / 13P
   Radial Lead Varistors
V575LA80BP LITTELFUSE-V575LA80BP Datasheet
1Mb / 13P
   LA Varistor Series
V575LA80BP LITTELFUSE-V575LA80BP Datasheet
1Mb / 13P
   LA Varistor Series
V575LA80BP LITTELFUSE-V575LA80BP Datasheet
1Mb / 13P
   LA Varistor Series
More results

Similar Description - V575LA80BP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
logo
New Jersey Semi-Conduct...
ZI30LA1 NJSEMI-ZI30LA1 Datasheet
46Kb / 1P
   RADIAL LEAD VARISTORS LA SERIES
logo
Littelfuse
V275LT4P LITTELFUSE-V275LT4P Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V510LS40AP LITTELFUSE-V510LS40AP Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V8ZA05P LITTELFUSE-V8ZA05P_10 Datasheet
825Kb / 13P
   Radial Lead Varistors
V130LA5CP LITTELFUSE-V130LA5CP Datasheet
1Mb / 10P
   Radial Lead Varistors
V07E130P LITTELFUSE-V07E130P_10 Datasheet
784Kb / 11P
   Radial Lead Varistors
V130LA1P LITTELFUSE-V130LA1P_10 Datasheet
833Kb / 13P
   Radial Lead Varistors
logo
AVX Corporation
VE17M02750K AVX-VE17M02750K Datasheet
491Kb / 13P
   Radial lead varistors
logo
Littelfuse
V20E550PL4B7 LITTELFUSE-V20E550PL4B7 Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com