Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-3130-300E Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-3130-300E
Description  Very High CMR 2.5 Amp Output Current IGBT Gate Driver Optocoupler
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-3130-300E Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-3130-300E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-3130-300E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-3130-300E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-3130-300E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-3130-300E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-3130-300E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-3130-300E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-3130-300E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-3130-300E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
Table 5. Electrical Specifications (DC)
Over recommended operating conditions (TA = -40 to 100°C, for ACPL-3130,ACPL-J313 IF(ON) = 7 to 16mA, for ACNW3130
IF(ON) = 10 to 16mA, VF(OFF) = -3.6 to 0.8 V, VCC = 15 to 30 V, VEE = Ground) unless otherwise specified. All typical values at
TA = 25°C and VCC - VEE = 30 V, unless otherwise noted.
Parameter
Symbol
Device
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
High Level
Output Current
IOH
0.5
1.5
A
VO = VCC – 4
2, 3, 21
5
2.0
A
VO = VCC – 15
2
Low Level
Output Current
IOL
0.5
2.0
A
VO = VEE + 2.5
5, 6, 22
5
2.0
A
VO = VEE + 15
2
High Level
Output Voltage
VOH
VCC-4
VCC-3
V
IO = -100 mA
1, 3, 23
6, 7
Low Level
Output Voltage
VOL
0.1
0.5
V
IO = 100 mA
4, 6, 24
High Level
Supply Current
ICCH
2.5
5.0
mA
Output open,
IF = 7 to 16 mA
7, 8
Low Level
Supply Current
ICCL
2.5
5.0
mA
Output open,
VF = -3.0 to +0.8 V
Threshold Input
Current
Low to High
IFLH
ACPL-3130
2.3
5.0
mA
IO = 0 mA, VO > 5 V
9, 17, 25
ACPL-J313
1.0
5.0
mA
IO = 0 mA, VO > 5 V
10, 18, 25
ACNW3130
2.3
8.0
mA
IO = 0 mA, VO > 5 V
11, 17, 25
Threshold Input
Voltage
High to Low
VFHL
0.8
V
IO = 0 mA, VO > 5 V
Input Forward
Voltage
VF
ACPL-3130
1.2
1.5
1.8
V
IF = 10 mA
19
ACPL-J313
1.2
1.6
1.95
V
IF = 10 mA
20
ACNW3130
1.2
1.6
1.95
V
IF = 10 mA
20
Temperature
Coefficient of
Input Forward
Voltage
DVF/DTA
ACPL-3130
-1.6
mV/°C
IF = 10 mA
ACPL-J313
-1.3
mV/°C
IF = 10 mA
ACNW3130
-1.3
mV/°C
IF = 10 mA
Input Reverse
Breakdown Voltage
BVR
ACPL-3130
5
V
IR = 10 µA
ACPL-J313
3
V
IR = 100 µA
ACNW3130
3
V
IR = 100 µA
Input Capacitance
CIN
ACPL-3130
60
pF
f = 1 MHz, VF = 0 V
ACPL-J313
70
pF
f = 1 MHz, VF = 0 V
ACNW3130
70
pF
f = 1 MHz, VF = 0 V
UVLO Threshold
VUVLO+
11.0
12.3
13.5
V
IF = 10 mA, VO > 5 V
26, 38
VUVLO–
9.5
10.7
12.0
V
IF = 10 mA, VO > 5 V
26, 38
UVLO Hysteresis
UVLOHYS
1.6
V
IF = 10 mA, VO > 5 V
26, 38


Similar Part No. - ACPL-3130-300E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-312T AVAGO-ACPL-312T Datasheet
226Kb / 2P
   Automotive 2.5 Amp, Output Current IBGP Gate Drive Optocoupler
ACPL-312T-000E AVAGO-ACPL-312T-000E Datasheet
226Kb / 2P
   Automotive 2.5 Amp, Output Current IBGP Gate Drive Optocoupler
ACPL-312T-300E AVAGO-ACPL-312T-300E Datasheet
226Kb / 2P
   Automotive 2.5 Amp, Output Current IBGP Gate Drive Optocoupler
ACPL-312U-000E AVAGO-ACPL-312U-000E Datasheet
479Kb / 17P
   2.0 A minimum peak output current
ACPL-31JT AVAGO-ACPL-31JT Datasheet
510Kb / 20P
   Miller Clamp Sinking Current
More results

Similar Description - ACPL-3130-300E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-332J-500E AVAGO-ACPL-332J-500E Datasheet
299Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler
ACPL-333J AVAGO-ACPL-333J Datasheet
304Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-000E AVAGO-HCPL-3120-000E Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-H342-000E AVAGO-ACPL-H342-000E Datasheet
707Kb / 19P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-300E AVAGO-HCPL-3120-300E Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120-500E AVAGO-HCPL-3120-500E Datasheet
409Kb / 25P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J312 AVAGO-HCPL-J312 Datasheet
465Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-T350 AVAGO-ACPL-T350 Datasheet
275Kb / 12P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Low ICC
ACPL-T350-300E AVAGO-ACPL-T350-300E Datasheet
275Kb / 12P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Low ICC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com