Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-W60L Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-W60L
Description  High Speed LVTTL Compatible 3.3 Volt/5 Volt Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-W60L Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-W60L Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-W60L Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-W60L Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-W60L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-W60L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-W60L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-W60L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-W60L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-W60L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Insulation and Safety Related Specifications
Parameter
Symbol
ACPL-W60L/K63L
Units
Conditions
Minimum External Air
L (101)
8
mm
Measured from input terminals to output
Gap (External Clearance)
terminals, shortest distance through air.
Minimum External Tracking
L (102)
8
mm
Measured from input terminals to output
(External Creepage)
terminals, shortest distance path along body.
Minimum Internal Plastic
0.08
mm
Through insulation distance, conductor to
Gap (Internal Clearance)
conductor, usually the direct distance
between the photoemitter and photodetector
inside the optocoupler cavity.
Tracking Resistance
CTI
175
Volts
DIN IEC 112/VDE 0303 Part 1
(Comparative Tracking Index)
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
IEC/EN/DIN EN 60747-5-5 Insulation Related Characteristics
Description
Symbol
Characteristic
Units
ACPL-W60L
ACPL-K63L
Installation classification per DIN VDE 0110/39, Table 1
for rated mains voltage ≤ 150 Vrms
I-IV
for rated mains voltage ≤ 300 Vrms
I-IV
for rated mains voltage ≤ 600 Vrms
I-III
for rated mains voltage ≤ 1000 Vrms
I-III
Climatic Classification
55/85/21
Pollution Degree (DIN VDE 0110/39)
2
Maximum Working Insulation Voltage
VIORM
1140
Vpeak
Input to Output Test Voltage, Method b*
VIORM x 1.875 = VPR, 100% Production Test with tm = 1 sec, VPR
2137
Vpeak
Partial Discharge < 5 pC
Input-to-Output Test Voltage, Method a*
VIORM x 1.6 = VPR, Type and Sample Test, tm = 10 sec,
VPR
1824
Vpeak
Partial Discharge < 5 pC
Highest Allowable Overvoltage
VIOTM
8000
Vpeak
(Transient Overvoltage, tini = 60 sec)
Safety Limiting Values – maximum values allowed in the event of a failure
Case Temperature
TS
175
°C
Input Current
IS,INPUT
230
mA
Output Power
PS,OUTPUT
600
mW
Insulation Resistance at TS, VIO = 500 V
RS
≥ 109
* Refer to the optocoupler section of the Isolation and Control Components Designer’s Catalog, under Product Safety Regulations section, (IEC/
EN/DIN EN 60747-5-5) for a detailed description of Method a and Method b partial discharge test profiles.
Recommended Solder Reflow Thermal Profile
Regulatory Information
The ACPL-W60L/K63L have been approved by the following organizations:
UL
Approval under UL 1577, Component Recognition Program, File E55361.
CSA
Approval under CSA Component Acceptance Notice #5, File CA 88324.
IEC/EN/DIN EN 60747-5-5
Recommended reflow condition as per JEDEC Standard, J-STD-020 (latest revision). Non-Halide Flux should be used.


Similar Part No. - ACPL-W60L

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-W60L BOARDCOM-ACPL-W60L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W60L-000E AVAGO-ACPL-W60L-000E Datasheet
85Kb / 12P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
ACPL-W60L-020 AVAGO-ACPL-W60L-020 Datasheet
85Kb / 12P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
ACPL-W60L-060 AVAGO-ACPL-W60L-060 Datasheet
85Kb / 12P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
ACPL-W60L-500 AVAGO-ACPL-W60L-500 Datasheet
85Kb / 12P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
More results

Similar Description - ACPL-W60L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L-500E AVAGO-HCPL-060L-500E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-000E AVAGO-HCPL-260L-000E Datasheet
216Kb / 20P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL260L HP-HCPL260L Datasheet
187Kb / 14P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W60L-000E AVAGO-ACPL-W60L-000E Datasheet
85Kb / 12P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-300 AVAGO-HCPL-260L-300 Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L AVAGO-HCPL-260L Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers Low power consumption
logo
Broadcom Corporation.
ACPL-W60L BOARDCOM-ACPL-W60L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
ACPL-W63L BOARDCOM-ACPL-W63L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
May 11, 2017
logo
List of Unclassifed Man...
RC8660 ETC1-RC8660 Datasheet
603Kb / 49P
   CMOS, 3.3 Volt / 5 Volt Voice Synthesizer Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com