Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-177XL Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-177XL
Description  Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-177XL Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-177XL Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-177XL Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-177XL Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-177XL Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-177XL Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-177XL Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-177XL Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-177XL Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-177XL Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Outline Drawings
16 Pin DIP Through Hole, 4 Channels
Device Marking
Functional Diagrams
16 pin DIP
8 pin DIP
8 pin DIP
Through Hole
Through Hole
Through Hole
4 Channels
1 Channel
2 Channels
16
11
10
9
7
5
6
8
2
1
3
4
12
14
15
13
7
5
6
8
2
3
4
1
7
5
6
8
2
3
4
1
A QYYWWZ
XXXXXX
XXXXXXX
XXX XXX
50434
Avago LOGO
Avago P/N
DLA SMD*
DLA SMD*
PIN ONE/
ESD IDENT
COMPLIANCE INDICATOR,*
DATE CODE, SUFFIX (IF NEEDED)
COUNTRY OF MFR.
Avago CAGE CODE*
*QUALIFIED PARTS ONLY
8 Pin DIP Through Hole, 1 and 2 Channel
Note: Dimensions in Millimeters (Inches).
4.45 (0.175)
MAX.
20.06 (0.790)
20.83 (0.820)
0.51 (0.020)
MAX.
2.29 (0.090)
2.79 (0.110)
0.51 (0.020)
MIN.
0.89 (0.035)
1.65 (0.065)
8.13 (0.320)
MAX.
7.36 (0.290)
7.87 (0.310)
0.20 (0.008)
0.33 (0.013)
3.81 (0.150)
MIN.
ANODE
3
CATHODE
6
5
VCC
VO
ICC
GND
IO
IF
2
+
VF
8


Similar Part No. - ACPL-177XL

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-021L AVAGO-ACPL-021L Datasheet
123Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-021L BOARDCOM-ACPL-021L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
ACPL-021L BOARDCOM-ACPL-021L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-021L-000E AVAGO-ACPL-021L-000E Datasheet
309Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
ACPL-021L-060E AVAGO-ACPL-021L-060E Datasheet
309Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
More results

Similar Description - ACPL-177XL

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-570XL BOARDCOM-ACPL-570XL Datasheet
956Kb / 13P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-675X HP-HCPL-675X Datasheet
320Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A-883B AVAGO-6N140A-883B Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
6N140A BOARDCOM-6N140A Datasheet
1Mb / 14P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A AVAGO-6N140A Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
HCPL-5731 AVAGO-HCPL-5731 Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-520X AVAGO-HCPL-520X Datasheet
367Kb / 14P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
Broadcom Corporation.
ACPL-267XL BOARDCOM-ACPL-267XL Datasheet
939Kb / 14P
   Hermetically Sealed, 3.3V High-Speed, High CMR, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com