Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9775BSVZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9775BSVZ
Description  14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775BSVZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9775BSVZ Datasheet HTML 7Page - Analog Devices AD9775BSVZ Datasheet HTML 8Page - Analog Devices AD9775BSVZ Datasheet HTML 9Page - Analog Devices AD9775BSVZ Datasheet HTML 10Page - Analog Devices AD9775BSVZ Datasheet HTML 11Page - Analog Devices AD9775BSVZ Datasheet HTML 12Page - Analog Devices AD9775BSVZ Datasheet HTML 13Page - Analog Devices AD9775BSVZ Datasheet HTML 14Page - Analog Devices AD9775BSVZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
AD9775
Rev. E | Page 11 of 56
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3
CLKVDD
Clock Supply Voltage.
2
LPF
PLL Loop Filter.
4, 7
CLKGND
Clock Supply Common.
5
CLK+
Differential Clock Input.
6
CLK−
Differential Clock Input.
8
DATACLK/PLL_LOCK
With the PLL enabled, this pin indicates the state of the PLL. A read of a Logic 1
indicates the PLL is in the locked state. Logic 0 indicates the PLL has not achieved
lock. This pin may also be programmed to act as either an input or output
(Address 02h, Bit 3) DATACLK signal running at the input data rate.
9, 17, 25, 35, 44, 52
DGND
Digital Common.
10, 18, 26, 36, 43, 51
DVDD
Digital Supply Voltage.
11 to 16, 19 to 24, 27, 28
P1B13 (MSB) to P1B0
(LSB)
Port 1 Data Inputs.
29, 30, 49, 50
NC
No Connect.
31
IQSEL/P2B13 (MSB)
In one-port mode, IQSEL = 1 followed by a rising edge of the differential input
clock latches the data into the I channel input register. IQSEL = 0 latches the data
into the Q channel input register. In two-port mode, this pin becomes the Port 2
MSB.
32
ONEPORTCLK/P2B12
With the PLL disabled and the AD9775 in one-port mode, this pin becomes a
clock output that runs at twice the input data rate of the I and Q channels. This
allows the AD9775 to accept and demux interleaved I and Q data to the I and Q
input registers.
33, 34, 37 to 42, 45 to 48
P2B11 to P2B0 (LSB)
Port 2 Data Inputs.
53
SPI_SDO
In the case where SDIO is an input, SDO acts as an output. When SDIO becomes an
output, SDO enters a High-Z state. This pin can also be used as an output for the
data rate clock. For more information, see the Two-Port Data Input Mode section.
54
SPI_SDIO
Bidirectional Data Pin. Data direction is controlled by Bit 7 of Register Address 0x00.
The default setting for this bit is 0, which sets SDIO as an input.
55
SPI_CLK
Data input to the SPI port is registered on the rising edge of SPI_CLK. Data output
on the SPI port is registered on the falling edge.
56
SPI_CSB
Chip Select/SPI Data Synchronization. On momentary logic high, resets SPI port
logic and initializes instruction cycle.
57
RESET
Logic 1 resets all of the SPI port registers, including Address 0x00, to their default
values. A software reset can also be done by writing a Logic 1 to SPI Register 00h,
Bit 5. However, the software reset has no effect on the bit in Address 0x00.
58
REFIO
Reference Output, 1.2 V Nominal.
59
FSADJ2
Full-Scale Current Adjust, Q Channel.
60
FSADJ1
Full-Scale Current Adjust, I Channel.
61, 63, 65, 76, 78, 80
AVDD
Analog Supply Voltage.
62, 64, 66, 67, 70, 71,
74, 75, 77, 79
AGND
Analog Common.
68, 69
IOUTB2, IOUTA2
Differential DAC Current Outputs, Q Channel.
72, 73
IOUTB1, IOUTA1
Differential DAC Current Outputs, I Channel.


Similar Part No. - AD9775BSVZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9775BSV AD-AD9775BSV Datasheet
5Mb / 48P
   14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
REV. 0
More results

Similar Description - AD9775BSVZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9773 AD-AD9773 Datasheet
218Kb / 19P
   12-Bit, 160 MSPS 2횞/4횞/8횞 Interpolating Dual TxDAC D/A Converter
REV. PrA
logo
NXP Semiconductors
DAC1008D750 NXP-DAC1008D750_11 Datasheet
564Kb / 99P
   Dual 10-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating
Rev. 2-5 January 2011
DAC1408D750 NXP-DAC1408D750 Datasheet
2Mb / 98P
   Dual 14-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-2 December 2010
logo
Analog Devices
AD9784 AD-AD9784 Datasheet
1Mb / 52P
   14-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
Rev. PrC
AD9786 AD-AD9786 Datasheet
1Mb / 60P
   16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
REV. 0
logo
NXP Semiconductors
DAC1405D750 NXP-DAC1405D750 Datasheet
324Kb / 43P
   Dual 14-bit DAC, up to 750 Msps; 4횞 and 8횞 interpolating
Rev. 01-10 March 2010
logo
Analog Devices
AD9122 AD-AD9122 Datasheet
1Mb / 56P
   Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
REV. 0
AD9772A AD-AD9772A_V01 Datasheet
881Kb / 40P
   14-Bit, 160 MSPS TxDAC with 2횞 Interpolation Filter
Rev. C
logo
NXP Semiconductors
DAC1008D750 NXP-DAC1008D750 Datasheet
2Mb / 99P
   Dual 10-bit DAC up to 750 Msps 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 01-4 October 2010
DAC1008D650 NXP-DAC1008D650 Datasheet
2Mb / 98P
   Dual 10-bit DAC up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 1-1 October 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com