Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-4402 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-4402
Description  Meets IEEE 802.3 Ethernet and 802.5 Token Ring Standards
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-4402 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-4402 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-4402 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-4402 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-4402 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-4402 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-4402 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-4402 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-4402 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-4402 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
Link Selection Guide
Data Rate (MBd)
Distance (m)
Transmitter
Receiver
Fiber Size (
µm)
Evaluation Kit
5
1500
HFBR-14X2
HFBR-24X2
200 HCS
N/A
5
2000
HFBR-14X4
HFBR-24X2
62.5/125
HFBR-0410
20
2700
HFBR-14X4
HFBR-24X6
62.5/125
HFBR-0414
32
2200
HFBR-14X4
HFBR-24X6
62.5/125
HFBR-0414
55
1400
HFBR-14X4
HFBR-24X6
62.5/125
HFBR-0414
125
700
HFBR-14X4
HFBR-24X6
62.5/125
HFBR-0416
155
600
HFBR-14X4
HFBR-24X6
62.5/125
HFBR-0416
160
500
HFBR-14X4
HFBR-24X6
62.5/125
HFBR-0416
For additional information on specific links see the following individual link descriptions. Distances measured over temperature range from 0 to 70
°C.
Applications Support Guide
This section gives the designer
information necessary to use the
HFBR-0400 series components to
make a functional fiber-optic
transceiver. Avago offers a wide
selection of evaluation kits for
hands-on experience with fiber-
optic products as well as a wide
range of application notes com-
Application Literature
Title
Description
HFBR-0400 Series
Transmitter & Receiver Reliability Data
Reliability Data
Application Bulletin 78
Low Cost Fiber Optic Links for Digital Applications up to 155 MBd
Application Note 1038
Complete Fiber Solutions for IEEE 802.3 FOIRL, 10 Base-FB and 10 Base-FL
Application Note 1065
Complete Solutions for IEEE 802.5J Fiber-Optic Token Ring
Application Note 1073
HFBR-0319 Test Fixture for 1X9 Fiber Optic Transceivers
Application Note 1086
Optical Fiber Interconnections in Telecommunication Products
Application Note 1121
DC to 32 MBd Fiber-Optic Solutions
Application Note 1122
2 to 70 MBd Fiber-Optic Solutions
Application Note 1123
20 to 160 MBd Fiber-Optic Solutions
Application Note 1137
Generic Printed Circuit Layout Rules
plete with circuit diagrams and
board layouts. Furthermore,
Avago’s application support
group is always ready to assist
with any design consideration.
Available Options
HFBR-1402
HFBR-1414
HFBR-1404
HFBR-1414M
HFBR-1412
HFBR-1414T
HFBR-1412T
HFBR-1424
HFBR-1412TM
HFBR-2412TC
HFBR-14E4
HFBR-2416
HFBR-2402
HFBR-2416M
HFBR-2406
HFBR-2412
HFBR-2412T
HFBR-2416TC
HFBR-2422
HFBR-24E6
HFBR-2416T
HFBR-0400 Series Part Number Guide
HFBR X4XXaa
1 = Transmitter
Option T (Threaded Port Option)
2 = Receiver
Option C (Conductive Port Receiver Option)
Option M (Metal Port Option)
4 = 820 nm Transmitter and
Receiver Products
0 = SMA, Housed
1 = ST, Housed
2 = FC, Housed
E = SC, Housed
2 = Tx, Standard Power
4 = Tx, High Power
2 = Rx, 5 MBd, TTL Output
6 = Rx, 125 MHz, Analog Output


Similar Part No. - HFBR-4402

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-4501 HP-HFBR-4501 Datasheet
267Kb / 11P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-4501 HP-HFBR-4501 Datasheet
272Kb / 11P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-4501 AVAGO-HFBR-4501 Datasheet
267Kb / 10P
   Plastic Optical Fiber Cable and Accessories for Versatile Link Telecommunications switching systems
HFBR-4501 AVAGO-HFBR-4501 Datasheet
229Kb / 10P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-4501Z AVAGO-HFBR-4501Z Datasheet
160Kb / 11P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
More results

Similar Description - HFBR-4402

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N1081A KEYSIGHT-N1081A Datasheet
3Mb / 13P
   IEEE 802.3 Ethernet Compliance
logo
Level One
POR-1200 LVL1-POR-1200 Datasheet
454Kb / 3P
   IEEE 802.3 10Base-T, Ethernet
logo
Advanced Micro Devices
AM7996 AMD-AM7996 Datasheet
179Kb / 18P
   IEEE 802.3/Ethernet/Cheapernet Transceiver
logo
Level One
POR-1202 LVL1-POR-1202 Datasheet
521Kb / 3P
   IEEE 802.3 10Base-T, Ethernet
POR-0200 LVL1-POR-0200 Datasheet
623Kb / 3P
   IEEE 802.3 10Base-T, Ethernet
POR-0202 LVL1-POR-0202 Datasheet
708Kb / 3P
   IEEE 802.3 10Base-T, Ethernet
logo
List of Unclassifed Man...
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
logo
PCA ELECTRONICS INC.
EPT7081 PCA-EPT7081 Datasheet
28Kb / 1P
   Token Ring Transceiver
logo
XFMRS Inc.
2021 XFMRS-2021 Datasheet
99Kb / 2P
   TOKEN RING MAGNETICS
logo
Motorola, Inc
MC34055 MOTOROLA-MC34055 Datasheet
184Kb / 16P
   IEEE 802.3 10BASE-T TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com