Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM4B Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SM4B
Description  Double-Balanced Mixer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SM4B Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SM4B Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SM4B Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SM4B Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Double-Balanced Mixer
Rev. V4
M4B / SM4B
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• LO 10 TO 1500 MHz
• RF 10 TO 1500 MHz
• IF DC TO 1000 MHz
• LO DRIVE: +13 dBm (NOMINAL)
• HIGH ISOLATION: 35 dB (TYP.)
• AVAILABLE IN SURFACE MOUNT
Description
The M4B is a double balanced mixer, designed for use in military,
commercial, and test equipment applications. The design utilizes
Schottky ring quad diodes and broadband ferrite baluns to attain
excellent performance. This mixer can also be used as a phase
detector and/or bi-phase modulator since the IF port is DC cou-
pled to the diodes. Environmental screening is available to MIL-
STD-883, MIL-STD-202, or MIL-DTL-28837, consult factory.
Ordering Information
Part Number
Package
M4B
Flatpack
SM4B
Surface Mount
Electrical Specifications: Z0 = 50Ω Lo = +13 dBm (Downconverter application only)
Parameter
Test Conditions
Units
Typical
Guaranteed
+25ºC
-54º to +85ºC
SSB Conversion Loss
(max) & SSB Noise
Figure (max)
fR = 0.01 to 1.2 GHz, fL =0.01 to 1.2 GHz, fI =0.0004 to 0.2 GHz
fR = 0.01 to 1.5 GHz, fL =0.01 to 1.5 GHz, fI =0.0004 to 0.2 GHz
fR = 0.01 to 1.5 GHz, fL =0.01 to 1.5 GHz, fI =0.0004 to 1 GHz
dB
dB
dB
7.5
8.0
8.5
8.5
9.0
9.5
9.0
9.5
10.0
Isolation, L to R (min)
fL = 0.01 to 0.6 GHz
fL = 0.6 to 1.2 GHz
fL = 1.2 to 1.5 GHz
dB
dB
dB
45
35
28
35
25
22
33
23
20
Isolation, L to I (min)
fL = 0.1 to 0.6 GHz
fL = 0.6 to 1.2 GHz
fL = 1.2 to 1.5 GHz
dB
dB
dB
40
30
23
30
25
18
28
23
16
1 dB Conversion Comp.
fL @ +13 dBm
dBm
+7
Input IP3
Product Image


Similar Part No. - SM4B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SM4B MACOM-SM4B Datasheet
297Kb / 3P
   Double-Balanced Mixer
logo
M/A-COM Technology Solu...
SM4B MA-COM-SM4B Datasheet
929Kb / 3P
   Double-Balanced Mixer
More results

Similar Description - SM4B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
MY63 MACOM-MY63 Datasheet
145Kb / 2P
   DOUBLE-BALANCED MIXER
M9BC MACOM-M9BC Datasheet
167Kb / 2P
   Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
   Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
   Double-Balanced Mixer
logo
M/A-COM Technology Solu...
MD-108 MA-COM-MD-108 Datasheet
63Kb / 3P
   Double-Balanced Mixer
M76H MA-COM-M76H Datasheet
1Mb / 3P
   Double-Balanced Mixer
M6E-50 MA-COM-M6E-50_15 Datasheet
651Kb / 3P
   Double-Balanced Mixer
M9BC MA-COM-M9BC_15 Datasheet
698Kb / 2P
   Double-Balanced Mixer
M63HC MA-COM-M63HC_15 Datasheet
1,006Kb / 3P
   Double-Balanced Mixer
M76C MA-COM-M76C_15 Datasheet
1Mb / 3P
   Double-Balanced Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com