Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM6V Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SM6V
Description  Double-Balanced Mixer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SM6V Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SM6V Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SM6V Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SM6V Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Double-Balanced Mixer
Rev. V2
M6V / SM6V
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• LO 0.4 TO 500 MHz
• RF 0.4 TO 500 MHz
• IF DC TO 500 MHz
• LO DRIVE +7 dBm (nominal)
• HIGH ISOLATION 50 dB (TYP.)
Description
The M6V is a double balanced mixer, designed for use in military,
commercial, and test equipment applications. The design utilizes
Schottky ring quad diodes and broadband ferrite baluns to attain
excellent performance. This mixer can also be used as a phase
detector and/or bi-phase modulator since the IF port is DC
coupled to the diodes. Environmental screening is available to
MIL-STD-883, MIL-STD-202, or MIL-DTL-28837, consult factory.
Ordering Information
Part Number
Package
M6V
TO-5
SM6V
Surface Mount
Electrical Specifications: Z0 = 50Ω Lo = +7 dBm (Downconverter Application only)
Parameter
Test Conditions
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC
SSB Conversion Loss &
SSB Noise Figure (max)
fR=0.001 to 0.2 GHz, fL=0.001 to 0.2 GHz,
fI=0.001 to 0.2 GHz
fR = 0.0004 to 0.5 GHz, fL = 0.0004 to 0.5 GHz,
fI = 0.0004 to 0.5 GHz
dB
dB
6.0
7.0
6.5
7.5
7.0
8.0
Isolation, L to R (min)
fL = 0.0004 to 0.06 GHz
fL = 0.06 to 0.5 GHz
dB
dB
55
40
45
30
43
28
Isolation, L to I (min)
fL = 0.0004 to 0.06 GHz
fL = 0.06 to 0.5 GHz
dB
dB
45
30
30
20
28
18
1 dB Conversion
Compression
fL @ +7 dBm
dBm
+0
Product Image


Similar Part No. - SM6V

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SM6V MACOM-SM6V Datasheet
277Kb / 3P
   Double-Balanced Mixer
logo
M/A-COM Technology Solu...
SM6V MA-COM-SM6V Datasheet
903Kb / 3P
   Double-Balanced Mixer
More results

Similar Description - SM6V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
MY63 MACOM-MY63 Datasheet
145Kb / 2P
   DOUBLE-BALANCED MIXER
M9BC MACOM-M9BC Datasheet
167Kb / 2P
   Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
   Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
   Double-Balanced Mixer
logo
M/A-COM Technology Solu...
MD-108 MA-COM-MD-108 Datasheet
63Kb / 3P
   Double-Balanced Mixer
M76H MA-COM-M76H Datasheet
1Mb / 3P
   Double-Balanced Mixer
M6E-50 MA-COM-M6E-50_15 Datasheet
651Kb / 3P
   Double-Balanced Mixer
M9BC MA-COM-M9BC_15 Datasheet
698Kb / 2P
   Double-Balanced Mixer
M63HC MA-COM-M63HC_15 Datasheet
1,006Kb / 3P
   Double-Balanced Mixer
M76C MA-COM-M76C_15 Datasheet
1Mb / 3P
   Double-Balanced Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com