Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3223 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ICL3223
Description  Pb-Free Plus Anneal Available as an Option RoHS Compliant) (See Ordering Info)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3223 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ICL3223 Datasheet HTML 3Page - Intersil Corporation ICL3223 Datasheet HTML 4Page - Intersil Corporation ICL3223 Datasheet HTML 5Page - Intersil Corporation ICL3223 Datasheet HTML 6Page - Intersil Corporation ICL3223 Datasheet HTML 7Page - Intersil Corporation ICL3223 Datasheet HTML 8Page - Intersil Corporation ICL3223 Datasheet HTML 9Page - Intersil Corporation ICL3223 Datasheet HTML 10Page - Intersil Corporation ICL3223 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
FN4805.21
March 1, 2006
ICL3241
ICL3243
Typical Operating Circuits (Continued)
26
VCC
T1OUT
T2OUT
T3OUT
T1IN
T2IN
T3IN
T1
T2
T3
0.1
µF
+
0.1
µF
+
0.1
µF
14
13
9
10
12
11
28
24
27
3
V+
V-
C1+
C1-
C2+
C2-
+
0.1
µF
1
2
R1OUT
R1IN
4
5k
R2OUT
R2IN
5
18
5k
R3OUT
R3IN
6
17
5k
R4OUT
R4IN
7
16
5k
R5OUT
R5IN
R5
8
15
5k
19
R2OUTB
C1
C2
+ C3
C4
EN
SHDN
23
GND
22
+3.3V
+
0.1
µF
20
25
VCC
R1OUTB
21
R1
R2
R3
R4
26
VCC
T1OUT
T2OUT
T3OUT
T1IN
T2IN
T3IN
T1
T2
T3
0.1
µF
+
0.1
µF
+
0.1
µF
14
13
9
10
12
11
28
24
27
3
V+
V-
C1+
C1-
C2+
C2-
+
0.1
µF
1
2
R1OUT
R1IN
4
5k
R2OUT
R2IN
5
18
5k
R3OUT
R3IN
6
17
5k
R4OUT
R4IN
7
16
5k
R5OUT
R5IN
R5
8
15
5k
19
R2OUTB
C1
C2
+ C3
C4
FORCEON
FORCEOFF
23
GND
22
+3.3V
+
0.1
µF
20
25
VCC
R1
R2
R3
R4
21
INVALID
ICL3221, ICL3222, ICL3223, ICL3232, ICL3241, ICL3243


Similar Part No. - ICL3223

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3223 INTERSIL-ICL3223 Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3223 INTERSIL-ICL3223 Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3223 INTERSIL-ICL3223 Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3223 INTERSIL-ICL3223 Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3223 INTERSIL-ICL3223 Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
More results

Similar Description - ICL3223

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3243CAZ-T INTERSIL-ICL3243CAZ-T Datasheet
656Kb / 28P
   Pb-Free Plus Anneal Available as an Option
EL8202 INTERSIL-EL8202 Datasheet
582Kb / 16P
   Pb-free plus anneal available
logo
TT Electronics.
NAS TTELEC-NAS Datasheet
631Kb / 3P
   Pb-free option is RoHS compliant
logo
Micro Commercial Compon...
MBRX0530-TP MCC-MBRX0530-TP Datasheet
97Kb / 4P
   Lead Free Finish/RoHS Compliant ("P" Suffixdesignates RoHS Compliant. See ordering information)
logo
List of Unclassifed Man...
BAS316-TP ETC2-BAS316-TP Datasheet
427Kb / 4P
   Lead Free Finish/RoHS Compliant ("P" Suffix designates RoHS Compliant. See ordering information)
logo
Shanghai Leiditech Elec...
MBRX120 LEIDITECH-MBRX120 Datasheet
657Kb / 5P
   Lead Free Finish/RoHS Compliant (Note1)("P"Suffix designates Compliant. See ordering information)
logo
List of Unclassifed Man...
S3G-TP ETC2-S3G-TP Datasheet
530Kb / 4P
   Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)
logo
Micro Commercial Compon...
SK34-TP MCC-SK34-TP Datasheet
327Kb / 4P
   Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)
SS210-TP MCC-SS210-TP Datasheet
223Kb / 4P
   Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)
SK36B-TP MCC-SK36B-TP Datasheet
309Kb / 4P
   Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com