Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC51-755KS-13330 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # IC51-755KS-13330
Description  SOP (Small Outline Packages, Gullwing Leads)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IC51-755KS-13330 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  IC51-755KS-13330 Datasheet HTML 1Page - List of Unclassifed Manufacturers IC51-755KS-13330 Datasheet HTML 2Page - List of Unclassifed Manufacturers IC51-755KS-13330 Datasheet HTML 3Page - List of Unclassifed Manufacturers IC51-755KS-13330 Datasheet HTML 4Page - List of Unclassifed Manufacturers IC51-755KS-13330 Datasheet HTML 5Page - List of Unclassifed Manufacturers IC51-755KS-13330 Datasheet HTML 6Page - List of Unclassifed Manufacturers IC51-755KS-13330 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
SMT Devices
42 Test Solutions
Applicable Dimensions
(Small Outline Packages, Gullwing Leads)
IC51-0142-2074
0.4
14
4.40
5.70
6.40
16.0 x 34.0
SOP
CL/FB
IC51-0202-2072
0.4
20
4.40
5.70
6.40
16.0 x 34.0
SOP
CL/FB
IC51-0242-2071
0.4
24
4.40
5.70
6.40
16.0 x 34.0
SOP
CL/FB
IC189-0482-111*-2
0.4
48
-
12.40
4.00
34.0 x 16.0
TSOP I
OT
IC51-0482-2069
0.4
48
4.40
5.70
6.40
20.0 x 34.0
SOP
CL/FB
IC189-0522-124 *
0.4
52
-
8.69
10.49
30.5 x 18.0
TSOP I
OT
IC51-0562-2067
0.4
56
4.40
5.70
6.40
20.0 x 34.0
SOP
CL/FB
IC51-0802-2077
0.4
80
6.10
7.45
8.10
34.0 x 34.0
SOP
CL/FB
0.40mm Pitch
Part Number
Pitch
Pin
Count
IC Dimensions
Socket
Dimensions
D x E
Body
A
Lid Size
IC and Socket
B (max.)
Tip-to-Tip
C
Special
Note
Package
Type
IC51-0242-1006-1
0.5
24
14.30
15.20
16.00
15.0 x 40.0
TSOP I
CL/FB
IC51-0302-2037
0.5
30
4.40
5.70
6.40
18.0 x 38.0
SOP
CL/FB
IC191-0322-001 *-*
0.5
32
18.40
-
20.00
40.0 x 16.0
TSOP I
OT
IC51-0322-1031-1
0.5
32
12.00
13.30
14.00
16.0 x 33.5
TSOP I
CL/FB
IC51-0322-1207-1
0.5
32
18.40
19.30
20.00
18.0 x 44.0
TSOP I
CL/FB
IC51-0322-883-1
0.5
32
14.00
14.50
16.00
16.0 x 39.0
TSOP I
CL/FB
IC51-0382-2036
0.5
38
4.40
5.70
6.40
25.0 x 38.0
SOP
CL/FB
IC189-0402-068 *
0.5
40
18.40
-
20.00
40.0 x 16.0
TSOP I
OT
IC191-0402-002 *-*
0.5
40
18.40
-
20.00
18.0 x 40.0
TSOP I
OT
IC51-0402-1174-1
0.5
40
18.40
19.30
20.00
18.0 x 44.0
TSOP I
CL/FB
IC51-0402-1557
0.5
40
12.00
13.40
14.00
20.0 x 44.0
TSOP I
CL/FB
IC189-0482-066 *
0.5
48
16.40
-
18.00
36.0 x 20.0
TSOP I
OT
IC189-0482-077 *
0.5
48
18.40
-
20.00
40.0 x 18.0
TSOP I
OT
IC189-0482-094 *
0.5
48
6.10
-
8.10
28.1 x 18.2
SOP
OT
IC191-0482-004 *-*
0.5
48
18.40
-
20.00
40.0 x 20.0
TSOP I
OT
IC51-0482-1099
0.5
48
16.40
17.60
18.00
20.0 x 44.0
TSOP I
CL/FB
IC51-0482-1513
0.5
48
6.10
7.20
8.10
22.0 x 38.0
SOP
CL/FB
IC51-0482-2018
0.5
48
18.40
19.15
20.00
20.0 x 44.0
TSOP I
CL/FB
IC53-0502-912
0.5
50
4.40
-
6.40
24.3 x 34.0
SOP
NO LID
IC189-0562-067 *
0.5
56
18.40
-
20.00
40.0 x 20.0
TSOP I
OT
IC191-0562-003 *
0.5
56
18.40
-
20.00
21.5 x 40.0
TSOP I
OT
IC51-0562-1514
0.5
56
6.10
7.20
8.10
29.0 x 38.0
SOP
CL/FB
IC53-0642-911
0.5
64
6.10
-
8.10
30.0 x 34.0
SOP
NO LID
0.50mm Pitch
C L = Clamshell, OT = Open Top, S = Seperator, FB = Floating Base
IC189 Series
IC191 Series
SO package orientation
SO package
Clamshell Type Sockets
Open Top Type Sockets
Type I
Type II
IC235 Series
D
D
D
B
D
E
E
E
E
A
A
A
C
C
B
C
A = Body width
B = id size for
LIC
C = Tip-to-Tip
IC51 Series


Similar Part No. - IC51-755KS-13330

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IC51-795KS-13930 ETC2-IC51-795KS-13930 Datasheet
469Kb / 8P
   QFP (Quad Flat Packages, Gullwing Leads)
More results

Similar Description - IC51-755KS-13330

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IC201-1004 ETC2-IC201-1004 Datasheet
469Kb / 8P
   QFP (Quad Flat Packages, Gullwing Leads)
logo
Yamaichi Electronics Co...
IC51-0484-806 YAMAICHI-IC51-0484-806 Datasheet
593Kb / 6P
   Series Overview QFP (Quad Flat Packages, Gullwing Leads)
logo
Amkor Technology
SSOP AMKOR-SSOP Datasheet
433Kb / 2P
   Shrink Small Outline, Quarter-Size Small-Outline Packages
logo
TT Electronics.
OPIA500B TTELEC-OPIA500B Datasheet
1Mb / 23P
   SMD and SOP Packages
logo
Guangdong Youtai Semico...
LM75B UMW-LM75B Datasheet
312Kb / 23P
   plastic thin shrink small outline package; 8 leads;
logo
TT Electronics.
OPIA401 TTELEC-OPIA401 Datasheet
2Mb / 31P
   SMD, SOP and SSOP Packages
logo
ACCUTEK MICROCIRCUIT CO...
AKB083220 ACCUTEK-AKB083220_13 Datasheet
159Kb / 2P
   Thin Small Outline Packages TSOP to SOIC BGA Adapters
logo
Intersil Corporation
M24.173B INTERSIL-M24.173B Datasheet
42Kb / 1P
   Thin Shrink Small Outline Wxposed Pad Plastic Packages ( EPTSSOP)
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M60L-500E AVAGO-ACPL-M60L-500E Datasheet
285Kb / 11P
   Small Outline, 5 Leads, High CMR, High Speed, Description
logo
ACCUTEK MICROCIRCUIT CO...
AKL083220 ACCUTEK-AKL083220_13 Datasheet
128Kb / 2P
   Thin Shrink Small Outline Packages TSOP to SOIC Leaded Adapters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com