Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA9AT148 Datasheet(PDF) 1 Page - Rohm

Part # FMA9AT148
Description  PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FMA9AT148 Datasheet(HTML) 1 Page - Rohm

  FMA9AT148 Datasheet HTML 1Page - Rohm FMA9AT148 Datasheet HTML 2Page - Rohm FMA9AT148 Datasheet HTML 3Page - Rohm FMA9AT148 Datasheet HTML 4Page - Rohm FMA9AT148 Datasheet HTML 5Page - Rohm FMA9AT148 Datasheet HTML 6Page - Rohm FMA9AT148 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Datasheet
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
UMA9N / FMA9A
PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
lOutline
lFeatures
lInner circuit
1) Built-In Biasing Resistors, R1 = R2 = 10kW.
2) Two DTA114E chips in one package.
3) Emitter(GND)-common type
4) Built-in bias resistors enable the configuration of
an inverter circuit without connecting external
input resistors (see inner circuit).
5) The bias resistors consist of thin-film resistors
with complete isolation to allow negative biasing
of the input. They also have the advantage of
completely eliminating parasitic effects.
6) Only the on/off conditions need to be set for
operation, making the circuit design easy.
7) Lead Free/RoHS Compliant.
lApplication
Interface circuit, Driver circuit
lPackaging specifications
UMT5
SMT5
UMT5
2021
TR
180
8
Tape width
(mm)
Basic
ordering
unit (pcs)
Marking
Reel size
(mm)
3,000
A9
FMA9A
SMT5
2928
T148
180
8
3,000
A9
UMA9N
Part No.
Package
Package
size
(mm)
Taping
code
Tr1 and Tr2
VCC
-
50V
IC(MAX.)
-
100mA
Parameter
R1
10kW
R2
10kW
FMA9A
(SC-74A)
UMA9N
SOT-353 (SC-88A)
(1)
(5)
(4)
(2)
(3)
UMA9N
FMA9A
(4)
OUT
IN
(3)
GND
(2)
(5)
OUT
IN
(1)
(2)
OUT
IN
(3)
GND
(4)
(1)
OUT
IN
(5)
(2)
(1)
(3)
(4)
(5)
1/6
2012.06 - Rev.B


Similar Part No. - FMA9AT148

ManufacturerPart #DatasheetDescription
logo
Rohm
FMA9A ROHM-FMA9A Datasheet
62Kb / 2P
   Digital transistor (Common Emitter Dual Transistors)
More results

Similar Description - FMA9AT148

ManufacturerPart #DatasheetDescription
logo
Rohm
FMA1AT148 ROHM-FMA1AT148 Datasheet
422Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMB10T2R ROHM-EMB10T2R Datasheet
486Kb / 8P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
IMB10AT110 ROHM-IMB10AT110 Datasheet
526Kb / 8P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
FMA4AT148 ROHM-FMA4AT148 Datasheet
571Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
UMB2N ROHM-UMB2N_12 Datasheet
471Kb / 8P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMA2AT148 ROHM-FMA2AT148 Datasheet
444Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMA5AT148 ROHM-FMA5AT148 Datasheet
464Kb / 8P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMA3AT148 ROHM-FMA3AT148 Datasheet
437Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
IMH9AT110 ROHM-IMH9AT110 Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMH11NTN ROHM-UMH11NTN Datasheet
471Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com