Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD630TM Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQD630TM
Description  200V LOGIC N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD630TM Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQD630TM Datasheet HTML 1Page - Fairchild Semiconductor FQD630TM Datasheet HTML 2Page - Fairchild Semiconductor FQD630TM Datasheet HTML 3Page - Fairchild Semiconductor FQD630TM Datasheet HTML 4Page - Fairchild Semiconductor FQD630TM Datasheet HTML 5Page - Fairchild Semiconductor FQD630TM Datasheet HTML 6Page - Fairchild Semiconductor FQD630TM Datasheet HTML 7Page - Fairchild Semiconductor FQD630TM Datasheet HTML 8Page - Fairchild Semiconductor FQD630TM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
  

 
QFET
QFET
QFET
QFET

 
 
          
        
   
!   "   
#    !   
         
!   ! 
        $ !
      % ! 
  

& '%())*+,) -Ω.*,/)*
& 0 1 /23
& 01 453
&  
& /))6! 
& 7!!$ " 
  
    
   




*
 * 
())
*
7

1,(583
'%
1,/))83
- -
%
7

9 
 
(:
%
*
; * 
±(5
*
<
 9 %! <
 
/=4
>
7
%! 
 
'%
<
+!%! <
 
- =
>
!$
9?+ !!$
 
5 5
*$
9
91,(583@
( 5
A
91,(583
-=
A
"!(58
) 4'
A$8
 
+
55B/5)
8

C  
/$: 5 
4))
8





+θ 
 + > 

( '
8A
 + > %"@

5)
8A
 + > %"

//)
8A
       
! "
!
!
!
"
"
"
! "
!
!
!
"
"
"















Similar Part No. - FQD630TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD630 FAIRCHILD-FQD630 Datasheet
775Kb / 9P
   200V N-Channel MOSFET
More results

Similar Description - FQD630TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD5N20L FAIRCHILD-FQD5N20L_08 Datasheet
624Kb / 9P
   200V LOGIC N-Channel MOSFET
FQB10N20L FAIRCHILD-FQB10N20L Datasheet
574Kb / 9P
   200V LOGIC N-Channel MOSFET
FQPF7N20L FAIRCHILD-FQPF7N20L Datasheet
547Kb / 8P
   200V LOGIC N-Channel MOSFET
FQT4N20L FAIRCHILD-FQT4N20L Datasheet
627Kb / 8P
   200V LOGIC N-Channel MOSFET
FQP4N20L FAIRCHILD-FQP4N20L Datasheet
506Kb / 8P
   200V LOGIC N-Channel MOSFET
FQB12N20L FAIRCHILD-FQB12N20L Datasheet
607Kb / 9P
   200V LOGIC N-Channel MOSFET
FQP19N20L FAIRCHILD-FQP19N20L Datasheet
734Kb / 8P
   200V LOGIC N-Channel MOSFET
FQP5N20L FAIRCHILD-FQP5N20L Datasheet
605Kb / 8P
   200V LOGIC N-Channel MOSFET
FQA19N20L FAIRCHILD-FQA19N20L Datasheet
742Kb / 8P
   200V LOGIC N-Channel MOSFET
FQB7N20L FAIRCHILD-FQB7N20L Datasheet
569Kb / 9P
   200V LOGIC N-Channel MOSFET
FQP12N20L FAIRCHILD-FQP12N20L Datasheet
567Kb / 8P
   200V LOGIC N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com