Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQPF8N60CT Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FQPF8N60CT
Description  N-Channel QFET짰 MOSFET 600 V, 7.5 A, 1.2
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF8N60CT Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FQPF8N60CT Datasheet HTML 1Page - Fairchild Semiconductor FQPF8N60CT Datasheet HTML 2Page - Fairchild Semiconductor FQPF8N60CT Datasheet HTML 3Page - Fairchild Semiconductor FQPF8N60CT Datasheet HTML 4Page - Fairchild Semiconductor FQPF8N60CT Datasheet HTML 5Page - Fairchild Semiconductor FQPF8N60CT Datasheet HTML 6Page - Fairchild Semiconductor FQPF8N60CT Datasheet HTML 7Page - Fairchild Semiconductor FQPF8N60CT Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©2004 Fairchild Semiconductor Corporation
FQPF8N60C Rev. C0
www.fairchildsemi.com
4
 !   (continued)
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
10
µs
100 ms
DC
10 ms
1 ms
100
µs
OperationinThisArea
isLimitedbyR
DS(on)
Notes:
1. T
C = 25
oC
2. T
J = 150
oC
3. SinglePulse
V
DS, Drain-Source Voltage [V]
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs Case Temperature
Figure 7. Breakdown Voltage Variation
vs Temperature
Figure 8. On-Resistance Variation
vs Temperature
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Notes:
1. V
GS =0V
2. I
D =250µ A
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Notes :
1. V
GS = 10 V
2. I
D = 4 A
T
J, Junction Temperature [
oC]
25
50
75
100
125
150
0
2
4
6
8
T
C, Case Temperature [℃]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
No te s :
1 . Z
θ JC (t ) = 2 .6 ℃ /W M a x .
2 . D u ty F a c to r, D = t
1/t2
3 . T
JM - T C = P DM * Z θ JC (t)
s ingle p uls e
D= 0 .5
0.0 2
0.2
0.0 5
0.1
0.0 1
t
1 , S quare W ave P ulse D uratio n [se c]
Figure 11. Transient Thermal Response Curve
t1
PDM
t2


Similar Part No. - FQPF8N60CT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF8N60C FAIRCHILD-FQPF8N60C Datasheet
927Kb / 10P
   600V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
FQPF8N60C KERSEMI-FQPF8N60C Datasheet
1Mb / 9P
   600V N-Channel MOSFET
logo
Fairchild Semiconductor
FQPF8N60C FAIRCHILD-FQPF8N60C Datasheet
1Mb / 10P
   600V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF8N60C ISC-FQPF8N60C Datasheet
278Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQPF8N60CF FAIRCHILD-FQPF8N60CF Datasheet
755Kb / 8P
   600V N-Channel MOSFET
More results

Similar Description - FQPF8N60CT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB8N60CTM FAIRCHILD-FQB8N60CTM Datasheet
804Kb / 9P
   N-Channel QFET짰 MOSFET 600 V, 7.5 A, 1.2 廓
logo
ON Semiconductor
FQD2N60C ONSEMI-FQD2N60C Datasheet
979Kb / 8P
   N-Channel QFET짰 MOSFET 600 V, 1.9 A, 4.7 廓
October-2017,Rev.2
logo
Fairchild Semiconductor
FQI5N60CTU FAIRCHILD-FQI5N60CTU Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 600 V, 4.5 A, 2.5 廓
FQD1N60CTM FAIRCHILD-FQD1N60CTM Datasheet
557Kb / 9P
   N-Channel QFET짰 MOSFET 600 V, 1.0 A, 11.5 廓
FQU1N60CTU FAIRCHILD-FQU1N60CTU Datasheet
557Kb / 9P
   N-Channel QFET짰 MOSFET 600 V, 1.0 A, 11.5 廓
FQD1N80TM FAIRCHILD-FQD1N80TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 800 V, 1.0 A, 20 廓
FQI4N80TU FAIRCHILD-FQI4N80TU Datasheet
801Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
FQPF6N90CT FAIRCHILD-FQPF6N90CT Datasheet
1Mb / 10P
   N-Channel QFET짰 MOSFET 900 V, 6.0 A, 2.3 廓
FQB5N90TM FAIRCHILD-FQB5N90TM Datasheet
785Kb / 8P
   N-Channel QFET짰 MOSFET 900 V, 5.4 A, 2.3 廓
FQB7N60TM FAIRCHILD-FQB7N60TM Datasheet
771Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com