Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA15D1212A Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # AA15D1212A
Description  15W Single, Dual, and Triple Output AC/DC Power Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

AA15D1212A Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  AA15D1212A Datasheet HTML 1Page - Delta Electronics, Inc. AA15D1212A Datasheet HTML 2Page - Delta Electronics, Inc. AA15D1212A Datasheet HTML 3Page - Delta Electronics, Inc. AA15D1212A Datasheet HTML 4Page - Delta Electronics, Inc. AA15D1212A Datasheet HTML 5Page - Delta Electronics, Inc. AA15D1212A Datasheet HTML 6Page - Delta Electronics, Inc. AA15D1212A Datasheet HTML 7Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DS_AA15S/D/T_04082014
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P2
Input Characteristics
Parameter
Model
Min.
Typ.
Max.
Unit
Input Voltage Range
All Models
85
---
264
VAC
Input Frequency Range
47
---
440
Hz
Input Voltage Range
120
---
370
VDC
Inrush Current (Cold Start at 25
℃)
115VAC
---
---
15
A
230VAC
---
---
30
A
Output Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
---
±1.0
±2.0
%
Line Regulation
Vin=Min. to Max.
---
±0.5
±1.0
%
Load Regulation
Iout=Min. to Max.
Single Output Models
---
±0.5
±1.0
%
Dual/ Triple Output Models
---
±2.5
±5.0
%
Cross Regulation-
Dual Positives / Triple
Output
Vo1
Measured output Io = 20% to 100% of rated load
Other output(s) set at 50% of rated load
---
±1.0
---
%
Vo2
---
±2.5
---
%
Vo3
---
±2.5
---
%
Ripple & Noise (20MHz)
5VDC Output Models
---
1.5
1.8
%VPP of
V
o
Other Output Models
---
0.8
1.0
%VPP of
V
o
Minimum Load
---
10
---
%Inom.
Over Voltage Protection
Zener diode clamp
---
120
---
% of Vo
Temperature Coefficient
---
±0.01
±0.02
%/
Overshoot
---
---
5
% Vout
Current Limitation
Foldback, auto-recovery
105
---
---
%Inom.
(long term overload condition may cause damage)
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)
General Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage
Input to Output, 60 Seconds
3000
---
---
VACrms
I/O Isolation Resistance
500 VDC
100
---
---
Switching Frequency
---
100
---
KHz
Hold-up Time
---
20
---
ms
MTBF (calculated)
MIL-HDBK-217F@25
℃, Ground Benign
280,000
---
---
Hours
EMC Emission
Conducted and radiated
EN 55011 class B, EN 55022 class B, FCC part 15 class B
EMC Immunity according
EN61000-6-1
Standard
Specification Requirement
Performance
Criteria
EN61000-4-2
Air ±8KV Cont. ±4KV
B
EN61000-4-3
80~1000MHz, 10V/m 80% AM, 1KHz
modulation
A
EN61000-4-4
AC port ±2KV DC, SL, TL ±2KV not less than
1 min.
B
EN61000-4-5
1.2/50uS(8/20
μS) AC dif. ±1KV DC ±0.5KV
B
EN61000-4-6
0.15~80MHz, 10Vrms (functional earth ports
included)
B
80% AM, 1KHz modulation
EN61000-4-8
50Hz/60Hz, 30A/m
A
EN61000-4-11
30%, 10ms
B
60%, 100ms, 95%, 5000ms
C
Protection Class II
According IEC/EN 60536
Safety Approvals
cUL/UL 60950-1,IEC/EN 60950-1
UL508 for selective models


Similar Part No. - AA15D1212A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AA15D1212A DELTA-AA15D1212A Datasheet
335Kb / 6P
   15W Single, Dual, and Triple Output AC/DC Power Module
AA15D1212A DELTA-AA15D1212A Datasheet
335Kb / 6P
   15W Single, Dual, and Triple Output AC/DC Power Module
More results

Similar Description - AA15D1212A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AA15S-D-T DELTA-AA15S-D-T Datasheet
335Kb / 6P
   15W Single, Dual, and Triple Output AC/DC Power Module
AA15S DELTA-AA15S Datasheet
335Kb / 6P
   15W Single, Dual, and Triple Output AC/DC Power Module
logo
Chinfa Electronics Ind....
KAM15 CHINFA-KAM15_14 Datasheet
249Kb / 4P
   AC - DC POWER MODULE 13 ~ 15W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
AA30S0500A DELTA-AA30S0500A Datasheet
348Kb / 7P
   30W Single, Dual, and Triple Output AC-DC Power Module
AA30S DELTA-AA30S Datasheet
372Kb / 6P
   30W Single, Dual, and Triple Output AC-DC Power Module
AA30S-D-T DELTA-AA30S-D-T Datasheet
372Kb / 6P
   30W Single, Dual, and Triple Output AC-DC Power Module
logo
ETA-USA
WRM-00X-O ETA-USA-WRM-00X-O Datasheet
825Kb / 3P
   15W AC/DC Triple Output
WRM-FWX-O ETA-USA-WRM-FWX-O Datasheet
777Kb / 3P
   15W AC/DC Dual Output
logo
MicroPower Direct, LLC
MPM-10IS MPD-MPM-10IS Datasheet
248Kb / 2P
   Chassis Mount, 15W Single, Dual & Triple Out AC/DC Power Supplies
logo
Delta Electronics, Inc.
AA04S-D DELTA-AA04S-D Datasheet
287Kb / 4P
   4W Single and Dual Output, AC/DC Power Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com