Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SDS
Description  SMD Shielded Power Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SDS Datasheet HTML 1Page - List of Unclassifed Manufacturers SDS Datasheet HTML 2Page - List of Unclassifed Manufacturers SDS Datasheet HTML 3Page - List of Unclassifed Manufacturers SDS Datasheet HTML 4Page - List of Unclassifed Manufacturers SDS Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Shielded Power Inductors – SDS Series
Electrical Characteristics
Part Number
Inductance
(
H)
Tolerance
(±%)
Q
Min
Q
Frequency
(KHz)
DC Resistance
(Ω) Max
SRF
(MHz) Typ.
Irms
(A)
SDS0402T-1R0M-N
1.0
20
30
200
0.040
200
3.0
SDS0402T-1R5M-N
1.5
20
30
200
0.045
100
2.8
SDS0402T-2R2M-N
2.2
20
40
200
0.050
90
1.8
SDS0402T-3R3M-N
3.3
20
40
200
0.060
90
1.6
SDS0402T-4R7M-N
4.7
20
40
200
0.065
80
1.4
SDS0402T-6R8M-N
6.8
20
40
200
0.070
40
1.2
SDS0402T-100M-N
10
20
40
200
0.075
30
1.0
SDS0402T-150M-N
15
20
40
100
0.090
25
0.80
SDS0402T-220M-N
22
20
40
100
0.110
20
0.70
SDS0402T-330M-N
33
20
40
100
0.190
15
0.60
SDS0402T-470M-N
47
20
40
100
0.230
15
0.50
SDS0402T-680M-N
68
20
40
100
0.290
10
0.40
SDS0402T-101M-N
100
20
40
100
0.480
8
0.30
SDS0402T-151M-N
150
20
40
100
0.590
7
0.26
SDS0402T-221M-N
220
20
40
100
0.770
4
0.22
SDS0402T-331M-N
330
20
40
100
1.4
4
0.20
SDS0402T-471M-N
470
20
40
100
1.8
3
0.19
SDS0402T-681M-N
680
20
40
100
2.2
2
0.18
SDS0402T-102M-N
1000
20
40
100
3.4
1
0.15
 Inductance tested at 0.1 Vrms, 100KHz.
 30℃ temperature rise at Irms
 Tolerance: M = ±20%
 Operating temperature range -40~125℃ (Including self - temperature rise )
Test Instruments:HP4294A Impedance / Material Analyzer


Similar Part No. - SDS

ManufacturerPart #DatasheetDescription
logo
C&K Components
SDS CK-COMPONENTS-SDS Datasheet
157Kb / 1P
   Side Actuated Detect Switches
SDS CK-COMPONENTS-SDS Datasheet
324Kb / 2P
   Side Actuated Detect Switches
8 Mar 22
SDS CK-COMPONENTS-SDS Datasheet
346Kb / 2P
   Side Actuated Detect Switches
29 Jul 22
logo
Power Mate Technology C...
SDS(H)01-05D05 P-DUKE-SDS(H)01-05D05 Datasheet
662Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 1.08 WATTS
SDS(H)01-05D05 P-DUKE-SDS(H)01-05D05 Datasheet
656Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 1.08 WATTS
More results

Similar Description - SDS

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com