Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDS0804T-6R8M-N Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SDS0804T-6R8M-N
Description  SMD Shielded Power Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDS0804T-6R8M-N Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SDS0804T-6R8M-N Datasheet HTML 1Page - List of Unclassifed Manufacturers SDS0804T-6R8M-N Datasheet HTML 2Page - List of Unclassifed Manufacturers SDS0804T-6R8M-N Datasheet HTML 3Page - List of Unclassifed Manufacturers SDS0804T-6R8M-N Datasheet HTML 4Page - List of Unclassifed Manufacturers SDS0804T-6R8M-N Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SMD Shielded Power Inductors - SDS Series
Packaging Specifications
Tape Dimensions
Tape Material
Reel Dimensions
Dimensions
Tape Dimensions
Reel Dimensions
Quantity
( PCS / REEL )
TYPE
K0
D
E
W
P
P0
P2
A
B
C
D
178mm
330mm
330
100
13.4
-
2500
SDS 0402
3.2
1.55
1.75
12
8
4
2
178
60
13
13.2
750
-
SDS 0804
5.4
1.55
1.75
24
12
4
2
330
100
13
24.4
-
1000
SDS 1306
7.5
1.55
1.75
32
20
4
2
330
100
13
33.4
-
250


Similar Part No. - SDS0804T-6R8M-N

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SDS0804T KOA-SDS0804T Datasheet
99Kb / 5P
   power choke coils
SDS0804TTEB100 KOA-SDS0804TTEB100 Datasheet
99Kb / 5P
   power choke coils
SDS0804TTEB120 KOA-SDS0804TTEB120 Datasheet
99Kb / 5P
   power choke coils
SDS0804TTEB150 KOA-SDS0804TTEB150 Datasheet
99Kb / 5P
   power choke coils
SDS0804TTEB180 KOA-SDS0804TTEB180 Datasheet
99Kb / 5P
   power choke coils
More results

Similar Description - SDS0804T-6R8M-N

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com