Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3475-4 Datasheet(PDF) 5 Page - 3M Electronics

Part # 3475-4
Description  3M I/O Connector Mounting Options and Hardware
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3475-4 Datasheet(HTML) 5 Page - 3M Electronics

  3475-4 Datasheet HTML 1Page - 3M Electronics 3475-4 Datasheet HTML 2Page - 3M Electronics 3475-4 Datasheet HTML 3Page - 3M Electronics 3475-4 Datasheet HTML 4Page - 3M Electronics 3475-4 Datasheet HTML 5Page - 3M Electronics 3475-4 Datasheet HTML 6Page - 3M Electronics 3475-4 Datasheet HTML 7Page - 3M Electronics 3475-4 Datasheet HTML 8Page - 3M Electronics 3475-4 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MI/O Connector Mounting Options and Hardware
TS-0142-J
Sheet 5 of 9
.56
[14.1]
.19
[4.8]
.22
[5.6]
.11
[2.7]
Ø .18
[4.6]
Ø .08
[2.0]
Ø .18
[4.6]
.11
[2.7]
.62
[15.7]
.25
[6.4]
#4-40 Thread
.12
[3.0]
.35
[8.9]
.10
[2.5]
Ø .18
[4.6]
.10
[2.5]
Clip
Spacer
Ø .22
[5.6]
.03
[0.8]
Ø .18
[4.6]
.11
[2.7]
.62
[15.7]
.35
[8.9]
.10
[2.5]
Ø .18
[4.6]
#4-40 Thread
.10
[2.5]
Ø .08
[2.0]
Ø .08
[2.0]
Ø .08
[2.0]
#4-40 Thread
#4-40 Thread
#4-40 Thread
Jack Screw Kits
3M Part Number
3342-1
Material: Steel
Finish: Zinc with Clear Chromate
Thread size: #4-40
Recommended Max. Torque: 7.0 inch·lbf [0.8 N·m]
3M Part Number
3342-2
Material: Steel
Finish: Zinc with Clear Chromate
Thread size: #4-40
Recommended Max. Torque: 7.0 inch·lbf [0.8 N·m]
3M Part Number
3342-3
Material: Steel
Finish: Zinc with Clear Chromate
Thread size: #4-40
Recommended Max. Torque: 7.0 inch·lbf [0.8 N·m]
3M Part Number
3342-4
Material: Steel
Finish: Zinc with Clear Chromate
Thread size: #4-40
Recommended Max. Torque: 7.0 inch·lbf [0.8 N·m]
Kit Contents:
2 - Clips
2 - Jack Screws
Kit Contents:
2 - Spacers
2 - Jack Screws
Kit Contents:
2 - Screws
2 - Jack Screws


Similar Part No. - 3475-4

ManufacturerPart #DatasheetDescription
logo
Heyco.
3475 HEYCO-3475 Datasheet
212Kb / 1P
   Heyco® Original Series-35 Liquid Tight Cordgrips
logo
List of Unclassifed Man...
3475000000 ETC2-3475000000 Datasheet
2Mb / 164P
   We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
3475100000 ETC2-3475100000 Datasheet
2Mb / 164P
   We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
logo
Molex Electronics Ltd.
34752-0200 MOLEX11-34752-0200 Datasheet
33Kb / 1P
   MX150 Cable Sealed Female Connector
34752-0204 MOLEX11-34752-0204 Datasheet
33Kb / 1P
   MX150 Cable Sealed Female Connector
More results

Similar Description - 3475-4

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
H-65P-3 BOURNS-H-65P-3 Datasheet
292Kb / 5P
   TRIMPOT짰 POTENTIOMETER PANEL MOUNTING OPTIONS AND HARDWARE
logo
Feature Integration Tec...
F71869E FINTEK-F71869E Datasheet
995Kb / 131P
   Super I/O Hardware Monitor
F71869 FINTEK-F71869 Datasheet
3Mb / 116P
   Super I/O Hardware Monitor
F71869A FINTEK-F71869A Datasheet
1Mb / 156P
   Super I/O Hardware Monitor
F71889A FINTEK-F71889A Datasheet
1Mb / 132P
   Super Hardware Monitor LPC I/O
F71862 FINTEK-F71862 Datasheet
837Kb / 110P
   Super Hardware Monitor LPC I/O
F71863 FINTEK-F71863 Datasheet
907Kb / 112P
   Super Hardware Monitor LPC I/O
F71882 FINTEK-F71882 Datasheet
2Mb / 130P
   Super Hardware Monitor LPC I/O
F71889E FINTEK-F71889E Datasheet
3Mb / 114P
   Super Hardware Monitor LPC I/O
F71883 FINTEK-F71883 Datasheet
2Mb / 133P
   Super Hardware Monitor LPC I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com