Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

157CKS450MLCD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 157CKS450MLCD
Description  Small size - High voltage - General purpose
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

157CKS450MLCD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  157CKS450MLCD Datasheet HTML 1Page - List of Unclassifed Manufacturers 157CKS450MLCD Datasheet HTML 2Page - List of Unclassifed Manufacturers 157CKS450MLCD Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Small size - High voltage - General purpose
APPLICATIONS
Bypass Coupling Filtering De-coupling
Operating
Temperature Range
-40°C to +85°C (6.3 to 100 WVDC)
-25°C to +85°C (160 to 500 WVDC)
Capacitance
Tolerance
+20% at 120 Hz, 20°C
WVDC
6.3
10
16
25
35
50
63
100
160
200
250
350
400
450
500
Surge
Voltage
SVDC
7.9
13
20
32
44
63
79
125
200
250
300
400
450
500
550
WVDC
6.3
10
16
25
35
50
63
100
160
200
250
350
400
450
500
Tan
δ
.22
.19
.16
.14
.12
.1
.09
.08
.15
.15
.15
.2
.2
.2
.2
Dissipation
Factor
Add .02 for every 1000uF above 1000uF
6.3 to 100 WVDC
160 to 500 WVDC
2 Minutes
2 Minutes
Leakage Current
.01CV or 3uA,
Whichever is greater
.03CV+10uA
WVDC
6.3
10
16
25
35
50
63
100
160
200
250
350
400
450
500
-25°C to +20°C
5
4
3
2
2
2
2
2
3
3
4
6
7
7
8
Low
Temperature
Stability
Impedance
Ratio
(120 Hz)
-40°C to +20°C
10
8
6
5
3
3
3
3
-
-
-
-
-
-
-
2000 hours at 85°C with rated WVDC and ripple current applied
Capacitance Change
<20% of initial measured value
Dissipation Factor
<200% of maximum specified value
Load Life
Leakage Current
<100% of maximum specified value
1000 hours at 85°C with no voltage applied
Capacitance Change
<20% initial measured value
Dissipation Factor
<200% of maximum specified value
Shelf Life
Leakage Current
<100% of maximum specified value
Frequency (Hz)
WVDC
Capacitance
(uF)
50
120
300
1k
10k
100k
Ripple Current
Multipliers
47
0.75
1.0
1.35
1.57
2
2.3
100 to 470
0.8
1.0
1.23
1.34
1.5
1.65
6.3 to 100V
>470
0.85
1.0
1.1
1.13
1.15
1.4
.47 to 4.7
0.65
1.0
1.35
1.75
2.3
2.5
6.8 to 82
0.75
1.0
1.25
1.5
1.75
1.8
350 to 450V
100 to 1000
0.8
1.0
1.15
1.5
1.4
1.5
D
5
6.3
8
10
12.5
16
18
S
2.0
2.5
3.5
5.0
5.0
7.5
7.5
d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
L1=L+1.5mm Max.
mm
D1=D+0.5mm Max.
S1=S+0.5 mm


Similar Part No. - 157CKS450MLCD

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
157CKS450MLCD ILLINOISCAPACITOR-157CKS450MLCD Datasheet
287Kb / 3P
   Small size - High voltage - General purpose
157CKS450MLCD ILLINOISCAPACITOR-157CKS450MLCD Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
157CKS450MLCD ILLINOISCAPACITOR-157CKS450MLCD Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
157CKS450MLCD ILLINOISCAPACITOR-157CKS450MLCD Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
157CKS450MLCD ILLINOISCAPACITOR-157CKS450MLCD Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
More results

Similar Description - 157CKS450MLCD

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
CKR ILLINOISCAPACITOR-CKR Datasheet
287Kb / 3P
   Small size - High voltage - General purpose
226CKH050M ILLINOISCAPACITOR-226CKH050M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
476CKS035M ILLINOISCAPACITOR-476CKS035M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
108CKE025M ILLINOISCAPACITOR-108CKE025M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
108CKS050M ILLINOISCAPACITOR-108CKS050M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
CKH ILLINOISCAPACITOR-CKH Datasheet
304Kb / 3P
   Small size - High voltage - General purpose
106CKS200M ILLINOISCAPACITOR-106CKS200M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
HSM ILLINOISCAPACITOR-HSM Datasheet
160Kb / 2P
   Small size - High voltage - General purpose
105HSM050M ILLINOISCAPACITOR-105HSM050M_16 Datasheet
165Kb / 2P
   Small size - High voltage - General purpose
DCB ILLINOISCAPACITOR-DCB Datasheet
170Kb / 2P
   Small size - High voltage - General purpose
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com