Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5682F7 Datasheet(PDF) 1 Page - Visual Communications Company

Part # 5682F7
Description  Dual Mount T-1 LED Assembly
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

5682F7 Datasheet(HTML) 1 Page - Visual Communications Company

  5682F7 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
Features
• 2 T-1 LEDs mounted in single block
saves space and assembly time.
• High density only 0.13 wide.
• Black plastic mounting block for high
contrast ratio.
• Meets UL 94V-O and Bellcore
flammability specifications .
Available options :
• Low current, 5V and 12V built-in resistors .
• Bi-color and blue LE Ds also offered.
• Call factory for ordering information.
Mounting Hole Pattern 1
5682F Series Dual Mount T-1 LED Assembly
Description and Features
Electro-Optical Characteristics and Ratings
583
565
602
635
3.0
3.0
3.0
3.0
2.2
2.3
2.2
2.2
5.0
5.0
5.0
5.0
10.0
8.5
6.5
10.0
Y ellow
G reen
Amber
R ed
(V)
Max.
(V)
T yp.
T yp.
Intensity
(mcd)
R everse
B reakdown
Voltage Min.(V)
(nm)
Wavelength
P eak
F orward Voltage
E mitted
C olor
P art Number
5682F1
5682F3
5682F5
5682F7
10
10
10
10
R ated
C urrent
(mA)
7
Y ellow
5
G reen
1
R ed
LE D
3
Amber
Model No. is as follows: 5682F
;
Example:To order red LED on top and green LED on bottom, the part number would be 5682F1;5.
OrderingInformation:Usechartbelowtodeterminemodelnumber
.
C ontinuous
F orward
C urrent Max.
(mA)
20
25
25
25
All dimensions in mm.
6.10
4.06
4.83
2.30
6.80
8.90
1.50
3.30
3.80±0.50
14.70
ANODE +
C OLOR G R EE N
4303F 25
LE D
C OLOR G R EE N
4303F 25
LE D
P OLY E S T E R UL94V-0
MAT 'L: B LAC K THE R MOP LAS TIC
HOLDE R
Top LE D
B ottom LE D


Similar Part No. - 5682F7

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5682F7 CML-5682F7 Datasheet
26Kb / 1P
   Dual Mount T-1 LED Assembly
More results

Similar Description - 5682F7

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5682F1 CML-5682F1 Datasheet
26Kb / 1P
   Dual Mount T-1 LED Assembly
logo
Visual Communications C...
6322F VCC-6322F Datasheet
97Kb / 1P
   Dual Mounted T-1 LED Block Assembly
logo
Chicago Miniature Lamp,...
6322F11 CML-6322F11 Datasheet
27Kb / 1P
   Dual Mounted T-1 LED Block Assembly
5325F CML-5325F Datasheet
78Kb / 1P
   Super Brite T-1 LED Assembly
logo
Visual Communications C...
5600 VCC-5600 Datasheet
94Kb / 1P
   T-1 Right Angle LED Assembly
5320 VCC-5320 Datasheet
86Kb / 1P
   T-1 Right Angle LED Assembly
logo
Chicago Miniature Lamp,...
5323 CML-5323 Datasheet
66Kb / 1P
   T-1 Right Angle LED Assembly
logo
Visual Communications C...
5608 VCC-5608 Datasheet
75Kb / 1P
   T-1 Right Angle LED Assembly
logo
Chicago Miniature Lamp,...
5655F1 CML-5655F1 Datasheet
26Kb / 1P
   T-1 Right Angle LED Assembly
5322F1 CML-5322F1 Datasheet
28Kb / 1P
   T-1 Right Angle LED Assembly
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com