Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5684F7 Datasheet(PDF) 1 Page - Visual Communications Company

Part # 5684F7
Description  PC Board Quad Array T-1 LEDs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

5684F7 Datasheet(HTML) 1 Page - Visual Communications Company

  5684F7 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
Features
• 4T-1 LEDs mounted in single block
• High density - only 0.26 wide
• Black plastic mounting block for high
contrast ratio.
• Meets UL 94V-O and Bellcore
flammability specifications .
Available options :
• Low current, 5V and 12V built-in resistors .
• Bi-color and blue LEDs also offered.
• Call factory for ordering information.
Refer to “Mounting Hole Pattern 2.pdf”
5684F Series PC Board Quad Array T-1 LEDs
Description and Features
Electro-Optical Characteristics and Ratings
P OLY E S T E R UL94V -0
MAT 'L: B LAC K T HE R MOP LAS T IC
HOLDE R
LE D (4)
.140
.580
.260
.200
.070
.350
.270
.090
.130
.240
ANODE (+)
All dimensions in inches.
583
565
602
635
3.0
3.0
3.0
3.0
2.2
2.3
2.2
2.2
5.0
5.0
5.0
5.0
25
25
25
25
10
8.5
6.5
10
Y ellow
G reen
Amber
R ed
(V)
Max.
(V)
T yp.
C ontinuous
F orward
C urrent Max.
(mA)
T yp.
Intensity
(mcd)
R everse
B reakdown
Voltage Min.(V)
(nm)
Wavelength
P eak
F orward Voltage
E mitted
C olor
P art Number
5684F1
5684F3
5684F5
5684F7
10
10
10
10
R ated
C urrent
(mA)
7
Y ellow
5
G reen
1
R ed
LE D
3
Amber
Model No. is as follows: 5684F
;
;
;
E xample: P osition 1 is green, position 2 is red, position 3 is yellow, position 4 is amber. The part number is 5684F 5;1;7;3.
Ordering Information: Use chart below to determine model number.
P os. 1
P os. 2
P os. 3
P os. 4
Pos #1
Pos #3
Pos #2
Pos #4


Similar Part No. - 5684F7

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5684F7 CML-5684F7 Datasheet
29Kb / 1P
   PC Board Quad Array T-1 LEDs
More results

Similar Description - 5684F7

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5684F1 CML-5684F1 Datasheet
29Kb / 1P
   PC Board Quad Array T-1 LEDs
logo
Visual Communications C...
5693F-A VCC-5693F-A Datasheet
93Kb / 1P
   PC Board, 3-Up T-1 LEDs
logo
Chicago Miniature Lamp,...
5693F-A CML-5693F-A Datasheet
63Kb / 1P
   PC Board, 3-Up T-1 LEDs
5693F1 CML-5693F1 Datasheet
27Kb / 1P
   PC Board, 3-Up T-1 LEDs
logo
List of Unclassifed Man...
H104CSRD ETC2-H104CSRD Datasheet
380Kb / 2P
   T-1 (3MM) 90 SINGLE LEVEL QUAD-STATION ARRAY
logo
Gilway Technical Lamp
E21 GILWAY-E21 Datasheet
129Kb / 3P
   T-1 and T-1 3/4, Infrared LEDs
logo
Everlight Electronics C...
204GT EVERLIGHT-204GT Datasheet
60Kb / 4P
   3mm Round Standard LEDs, T-1
logo
Chicago Miniature Lamp,...
CMD333UWC CML-CMD333UWC Datasheet
58Kb / 1P
   T-1 3/4 White LEDs
logo
Gilway Technical Lamp
E480 GILWAY-E480 Datasheet
506Kb / 2P
   T-1 and T-1 3/4 Ultra Bright Blue LEDs
logo
Visual Communications C...
6321F VCC-6321F Datasheet
105Kb / 1P
   T-1 Circuit Board Indicator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com