Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5705H1 Datasheet(PDF) 1 Page - Visual Communications Company

Part # 5705H1
Description  LED with Extended Leads-Ultra Brite Non-Diffused Narrow Beam
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

5705H1 Datasheet(HTML) 1 Page - Visual Communications Company

  5705H1 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
5705H Series T-1 3/4 LED with Extended Leads-Ultra Brite
Non-Diffused Narrow Beam
Description and Features
Electro-Optical Characteristics and Ratings
T-1 3/4 Brite LEDs
Wire Leads: No. 24AWG 4.60±.200 STRIPPED
.430/.570
Anode(+): Red Lead
Lens: Ideal for use with 4311 or 4321 Series lenses
(See page 0-0)
4.60±.200
T-1 3/4 SIZE
LED
INSULATED
ONE CRIMP
CRIMP BRASS (2)
All dimensions in inches.
5
4
5
60
60
60
3.0
3.0
3.0
2.1
2.1
2.0
Yellow
Green
Red
Reverse
Breakdown
Voltage Min.
(V).
Continuous
Forward
Current Max.
(mA)
(V)
Max.
(V)
Typ.
Forward Voltage
Emitted
Color
Part Number
5705H1
5705H5
5705H7
Typical
Intensity
(mcd)
68
100
160
20
20
20
Rated
Current
(mA)
585
563
650
Peak
Wave Length
(nm)


Similar Part No. - 5705H1

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
5705-RC BOURNS-5705-RC Datasheet
474Kb / 1P
   High Current Toroid Inductors
logo
Altech corporation
5705.2 ALTECH-5705.2 Datasheet
85Kb / 2P
   INTERFACES CONNECTOR-TO-WIRE Ribbon Cable Module 35 or 32mm DIN Rail
logo
Littelfuse
57050 LITTELFUSE-57050 Datasheet
248Kb / 1P
   Magnets and Actuators
11/03/15
57050-000 LITTELFUSE-57050-000 Datasheet
248Kb / 1P
   Magnets and Actuators
11/03/15
logo
Festo Corporation.
570506 FESTO-570506 Datasheet
92Kb / 1P
   Pneumatic shock absorber
12/4/22
More results

Similar Description - 5705H1

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
62100 MICROPAC-62100 Datasheet
124Kb / 2P
   ULTRA-BRITE HERMETIC LED INDICATORS
logo
LUMEX INC.
SML-LXIL3333SYC-TR LUMEX-SML-LXIL3333SYC-TR Datasheet
115Kb / 1P
   Narrow Beam 8mm STM LED
SML-LXIL3333UPGCTR LUMEX-SML-LXIL3333UPGCTR Datasheet
107Kb / 2P
   Narrow Beam 8mm STM LED
SML-LXIL3333SIC-TR LUMEX-SML-LXIL3333SIC-TR Datasheet
108Kb / 2P
   Narrow Beam 8mm SMT LED
SML-LXIL3333USBCTR LUMEX-SML-LXIL3333USBCTR Datasheet
110Kb / 2P
   Narrow Beam 8mm STM LED
logo
Panasonic Battery Group
EX-10S PANASONICBATTERY-EX-10S Datasheet
168Kb / 1P
   Ultra-Slim, Narrow Beam Photoelectric Sensor
logo
OSRAM GmbH
SFH4640 OSRAM-SFH4640 Datasheet
481Kb / 13P
   Narrow beam LED in MIDLED package
SFH-4646 OSRAM-SFH-4646 Datasheet
444Kb / 13P
   Narrow beam LED in MIDLED package
SFH-4647 OSRAM-SFH-4647 Datasheet
525Kb / 14P
   Narrow beam LED in MIDLED package
SFH-4640 OSRAM-SFH-4640 Datasheet
481Kb / 13P
   Narrow beam LED in MIDLED package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com