Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6310D5 Datasheet(PDF) 1 Page - Visual Communications Company

Part # 6310D5
Description  Series 2 x 5 Rectangular Right Angle LED Assembly
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

6310D5 Datasheet(HTML) 1 Page - Visual Communications Company

  6310D5 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
Features
• Block mounting design assures height and side-by-side spacing-alignment
saves assembly costs.
• Flat rectangular LED face has even light distribution.
• Press-in mounting pin secures assembly to PC board while being soldered.
• Standoffs prevent flux entrapment.
Housing: Black Nylon, UL94V-O
Refer to “Mounting Hole Pattern 5.pdf”
6310 Series 2 x 5 Rectangular Right Angle LED Assembly
Description and Features
Electro-Optical Characteristics and Ratings
585
565
635
3.0
3.0
3.0
2.1
2.2
2.0
5
5
5
25
30
35
Y ellow
G reen
R ed
(V)
Max.
(V)
T yp.
C ontinuous
F orward
C urrent Max.
(mA)
R everse
B reakdown
Voltage Min.
(V)
(nm)
Wavelength
P eak
F orward Voltage
E mitted
C olor
P art Number
6310D1
6310D5
6310D7
T ypical
Intensity
(mcd)
4
4
4
20
20
20
R ated
C urrent
(mA)
All dimensions in inches.
.270
.200
.100
.430
.250
.350
.024 S Q.
.215
.290
.190
.100
ANODE (+)
.160±.015
.080
R E C T ANG ULAR LE D
2mm X 5mm
C AT HODE (-)


Similar Part No. - 6310D5

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
6310D5 CML-6310D5 Datasheet
68Kb / 1P
   2 x 5 Rectangular Right Angle LED Assembly
More results

Similar Description - 6310D5

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5635D1 CML-5635D1 Datasheet
25Kb / 1P
   2 X 5 Rectangular Right Angle LED Assembly
6310 CML-6310 Datasheet
68Kb / 1P
   2 x 5 Rectangular Right Angle LED Assembly
logo
Visual Communications C...
5630 VCC-5630 Datasheet
86Kb / 1P
   2 X 5 Rectangular LED Assembly
logo
Chicago Miniature Lamp,...
5630 CML-5630 Datasheet
66Kb / 1P
   2 X 5 Rectangular LED Assembly
logo
Visual Communications C...
5620R VCC-5620R Datasheet
120Kb / 1P
   Rectangular Right Angle LED Assembly
logo
Chicago Miniature Lamp,...
5620R1 CML-5620R1 Datasheet
26Kb / 1P
   Rectangular Right Angle LED Assembly
5639D1 CML-5639D1 Datasheet
25Kb / 1P
   Rectangular Bicolor Right Angle LED Assembly
logo
Visual Communications C...
5639 VCC-5639 Datasheet
81Kb / 1P
   Rectangular Bicolor Right Angle LED Assembly
logo
LUMEX INC.
SSF-LXH25780HGW LUMEX-SSF-LXH25780HGW Datasheet
47Kb / 1P
   2.5mm X 7mm RECTANGULAR RIGHT ANGLE LED
SSF-LXH25780YD LUMEX-SSF-LXH25780YD Datasheet
63Kb / 1P
   2.5mm X 7mm RECTANGULAR RIGHT ANGLE LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com