Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6202T3-5V Datasheet(PDF) 1 Page - Visual Communications Company

Part # 6202T3-5V
Description  Right Angle Sub-Miniature SMT LED Assemblies
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

6202T3-5V Datasheet(HTML) 1 Page - Visual Communications Company

  6202T3-5V Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electro-Optical Characteristics and Ratings
• Tape and reel packaged for high-speed
pick-and-place installation.
• Packaged 1000 pieces per reel.
• Convection and vapor-phase reflow compatible.
• Compact form enables high density placement.
• Ideal for backlighting applications.
• Wide angle view.
• Direct-view optics provide smooth
uniform appearance.
• High output.
• Low current (2mA).
• Built-in resistor for 5V and 5V low current.
• 100K+ hour MTBF.
• Easy post-reflow solder joint inspection.
• No adhesives.
• UL94V-O rated housing of black
polyphenylen sulfide.
Refer to “Solder Pad Geometry 3.pdf”
Part
Number
Color
Lens
Color
Rated
Current
(mA)
Luminous
Intensity
Typ. (mcd)
Forward
Voltage Typ.
(V)
Forward
Voltage Max.
(V)
Peak
Wavelength
(nm)
6200T1
6200T3
6200T5
6200T7
6200T1LC
6200T5LC
6200T7LC
6202T1-5V
6202T3-5V
6202T5-5V
6202T1-5VLC
6202T3-5VLC
6202T5-5VLC
Red
Amber
Green
Yellow
Red
Green
Yellow
Red
Amber
Green
Red
Amber
Green
10
10
10
10
2.0
2.0
2.0
10
10
10
3.5
3.5
3.5
5.0
5.0
4.0
3.8
.5
1.2
.5
5.0
5.0
5.0
2.0
4.0
2.0
2.2
2.0
2.3
2.2
1.8
1.8
1.9
5.0
5.0
5.0
5.0
5.0
5.0
3.0
3.0
3.0
3.0
2.2
2.2
2.7
6.0
6.0
6.0
6.0
6.0
6.0
635
603
565
585
635
565
583
635
565
583
635
565
583
Red
Amber
Green
Yellow
Red
Green
Yellow
Red
Amber
Green
Red
Amber
Green
.011±.002
.049±.005
.134±.012
.119±.005
.180±.003
.240±.005
.173±.003
.170
.185
.236
.243
+
TERMINAL
LED
ANODE(+)
ANODE(+)
All dimensions in inches.
6200T Series BrightPipes™ Right Angle
Sub-Miniature SMT LED Assemblies
Description and Features
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.


Similar Part No. - 6202T3-5V

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
6202T3-5V CML-6202T3-5V Datasheet
23Kb / 1P
   Bright Angle Right Angle Sub-Miniature SMT LED Assemblies
6202T3-5VLC CML-6202T3-5VLC Datasheet
23Kb / 1P
   Bright Angle Right Angle Sub-Miniature SMT LED Assemblies
More results

Similar Description - 6202T3-5V

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
6200T1 CML-6200T1 Datasheet
23Kb / 1P
   Bright Angle Right Angle Sub-Miniature SMT LED Assemblies
6255T1 CML-6255T1 Datasheet
45Kb / 1P
   Bright Angle Sub-Miniature SMT LED Assemblies
logo
Visual Communications C...
6255T VCC-6255T Datasheet
128Kb / 1P
   Sub-Miniature SMT LED Assemblies
logo
E-SWITCH
200B E-SWITCH-200B Datasheet
97Kb / 1P
   SEALED SMT SUB-MINIATURE
logo
List of Unclassifed Man...
BR1113F ETC1-BR1113F Datasheet
153Kb / 2P
   1113F Series, Right Angle SMT LED
AAPG1211F ETC-AAPG1211F Datasheet
179Kb / 2P
   Bi-Color Right Angle SMT LED
FR1101F ETC2-FR1101F Datasheet
157Kb / 2P
   Series Right Angle AlInGaP SMT LED
logo
Adam Technologies, Inc.
HDL15-SM-24-FP ADAM-TECH-HDL15-SM-24-FP Datasheet
94Kb / 1P
   D-SUB MINIATURE RIGHT ANGLE TWO ROWS
logo
E-SWITCH
900 E-SWITCH-900_1 Datasheet
153Kb / 1P
   DETECTOR SWITCHES - SUB-MINIATURE SMT
900 E-SWITCH-900 Datasheet
172Kb / 2P
   SUB-MINIATURE SMT PUSHBUTTON SWITCHES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com