Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NZX12A-133 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # NZX12A-133
Description  Single Zener diodes
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NZX12A-133 Datasheet(HTML) 2 Page - NXP Semiconductors

  NZX12A-133 Datasheet HTML 1Page - NXP Semiconductors NZX12A-133 Datasheet HTML 2Page - NXP Semiconductors NZX12A-133 Datasheet HTML 3Page - NXP Semiconductors NZX12A-133 Datasheet HTML 4Page - NXP Semiconductors NZX12A-133 Datasheet HTML 5Page - NXP Semiconductors NZX12A-133 Datasheet HTML 6Page - NXP Semiconductors NZX12A-133 Datasheet HTML 7Page - NXP Semiconductors NZX12A-133 Datasheet HTML 8Page - NXP Semiconductors NZX12A-133 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NZX_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 28 November 2011
2 of 13
NXP Semiconductors
NZX series
Single Zener diodes
3.
Ordering information
[1]
The series consists of 112 types with nominal working voltages from 2.1 V to 36 V.
4.
Marking
5.
Limiting values
6.
Thermal characteristics
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB) without metallization pad;
maximum lead length 8 mm.
Table 3.
Ordering information
Type number
Package
Name
Description
Version
NZX2V1B to NZX36X[1] SC-40
hermetically sealed glass package; axial leaded;
2 leads
SOD27
Table 4.
Marking codes
Type number
Marking code
NZX2V1B to NZX36X
the diodes are type branded
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
IF
forward current
-
250
mA
Ptot
total power dissipation
Ttp  25 C-
500
mW
Tj
junction temperature
-
175
C
Tamb
ambient temperature
55
+175
C
Tstg
storage temperature
65
+175
C
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] --380
K/W
Rth(j-t)
thermal resistance from
junction to tie-point
[1] --300
K/W


Similar Part No. - NZX12A-133

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NZX12A NXP-NZX12A Datasheet
67Kb / 12P
   Single Zener diodes
Rev. 02-3 June 2009
More results

Similar Description - NZX12A-133

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NZX8V2B133 NXP-NZX8V2B133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
NZX NXP-NZX Datasheet
67Kb / 12P
   Single Zener diodes
Rev. 02-3 June 2009
TDZ2V4J PHILIPS-TDZ2V4J Datasheet
247Kb / 12P
   Single Zener diodes
Rev. 2-29 July 2011
BZX84J-C11.115 NXP-BZX84J-C11.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
NZH NEXPERIA-NZH Datasheet
227Kb / 10P
   Single Zener diodes
logo
NXP Semiconductors
BZX84J PHILIPS-BZX84J Datasheet
75Kb / 12P
   Single Zener diodes
Rev. 01-1 March 2007
BZX84J-B5V6.115 NXP-BZX84J-B5V6.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
PDZ-B-Q_SER NEXPERIA-PDZ-B-Q_SER Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 2 - 21 December 2022
NZH_SER NEXPERIA-NZH_SER Datasheet
205Kb / 9P
   Single Zener diodes
Rev. 01 - 27 January 2010
logo
NXP Semiconductors
NZH3V0B PHILIPS-NZH3V0B Datasheet
112Kb / 9P
   Single Zener diodes
Rev. 01-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com