Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB-9W2-24V-E Datasheet(PDF) 2 Page - A-BRIGHT Inc

Part # AB-9W2-24V-E
Description  SINGLE LAMP LED BULB
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AB-9W2-24V-E Datasheet(HTML) 2 Page - A-BRIGHT Inc

  AB-9W2-24V-E Datasheet HTML 1Page - A-BRIGHT Inc AB-9W2-24V-E Datasheet HTML 2Page - A-BRIGHT Inc AB-9W2-24V-E Datasheet HTML 3Page - A-BRIGHT Inc AB-9W2-24V-E Datasheet HTML 4Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
A-BRIGHT
10/30/2006
2
Part No.: AB-9W2-24V-E
Single Lamp LED Bulb
PACKAGE DIMENSIONS:
NOTE:
1.All dimensions are in millimeter.
2.Bulb base : E10.
3.All tolerance are ±0.25mm.


Similar Part No. - AB-9W2-24V-E

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-9W2-24V-E A-BRIGHT-AB-9W2-24V-E Datasheet
192Kb / 4P
   Single Lamp LED Bulb
10/30/2006
AB-9W2-24V-E12 A-BRIGHT-AB-9W2-24V-E12 Datasheet
196Kb / 4P
   Single Lamp LED Bulb
10/30/2006
AB-9W2-24V-E12 A-BRIGHT-AB-9W2-24V-E12 Datasheet
200Kb / 4P
   SINGLE LAMP LED BULB
10/30/2006
AB-9W2-24V-E12 A-BRIGHT-AB-9W2-24V-E12_15 Datasheet
200Kb / 4P
   SINGLE LAMP LED BULB
10/30/2006
AB-9W2-24V-E A-BRIGHT-AB-9W2-24V-E_15 Datasheet
196Kb / 4P
   SINGLE LAMP LED BULB
10/30/2006
More results

Similar Description - AB-9W2-24V-E

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-9G1-6V-B A-BRIGHT-AB-9G1-6V-B Datasheet
187Kb / 3P
   Single Lamp LED Bulb
10/30/2006
AB-9B5-6V-E A-BRIGHT-AB-9B5-6V-E Datasheet
184Kb / 3P
   SINGLE LAMP LED BULB
10/30/2006
AB-46B5-12VD-MF A-BRIGHT-AB-46B5-12VD-MF Datasheet
218Kb / 3P
   SINGLE LAMP LED BULB
AB-46B5-24VD-MG A-BRIGHT-AB-46B5-24VD-MG Datasheet
183Kb / 3P
   SINGLE LAMP LED BULB
AB-46G1-5VD-T5 A-BRIGHT-AB-46G1-5VD-T5 Datasheet
192Kb / 3P
   SINGLE LAMP LED BULB
10/30/2006
AB-46G1-24VD-MG A-BRIGHT-AB-46G1-24VD-MG Datasheet
183Kb / 3P
   SINGLE LAMP LED BULB
AB-46TY-6VD-MG A-BRIGHT-AB-46TY-6VD-MG Datasheet
183Kb / 3P
   SINGLE LAMP LED BULB
AB-46TY-24VD-MF A-BRIGHT-AB-46TY-24VD-MF Datasheet
218Kb / 3P
   SINGLE LAMP LED BULB
AB-46W3-6VD-MF A-BRIGHT-AB-46W3-6VD-MF Datasheet
224Kb / 4P
   SINGLE LAMP LED BULB
AB-46W3-6VD-T5 A-BRIGHT-AB-46W3-6VD-T5 Datasheet
199Kb / 4P
   SINGLE LAMP LED BULB
10/30/2006
AB-46W3-12VD-MG A-BRIGHT-AB-46W3-12VD-MG Datasheet
190Kb / 4P
   SINGLE LAMP LED BULB
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com