Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC357MJ0000F Datasheet(PDF) 9 Page - Sharp Corporation

Part # PC357MJ0000F
Description  Mini-flat Package, General Purpose Photocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC357MJ0000F Datasheet(HTML) 9 Page - Sharp Corporation

Back Button PC357MJ0000F Datasheet HTML 5Page - Sharp Corporation PC357MJ0000F Datasheet HTML 6Page - Sharp Corporation PC357MJ0000F Datasheet HTML 7Page - Sharp Corporation PC357MJ0000F Datasheet HTML 8Page - Sharp Corporation PC357MJ0000F Datasheet HTML 9Page - Sharp Corporation PC357MJ0000F Datasheet HTML 10Page - Sharp Corporation PC357MJ0000F Datasheet HTML 11Page - Sharp Corporation PC357MJ0000F Datasheet HTML 12Page - Sharp Corporation PC357MJ0000F Datasheet HTML 13Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Sheet No.: D2-A00102EN
■ Design Considerations
While operating at IF<1.0mA, CTR variation may increase.
Please make design considering this fact.
This product is not designed against irradiation and incorporates non-coherent IRED.
Degradation
In general, the emission of the IRED used in photocouplers will degrade over time.
In the case of long term operation, please take the general IRED degradation (50% degradation over 5
years) into the design consideration.
✩ For additional design assistance, please review our corresponding Optoelectronic Application Notes.
9
● Design guide
■ Design Considerations
Recommended Foot Print (reference)
1.5
6.3
(Unit : mm)
PC357NJ0000F Series


Similar Part No. - PC357MJ0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC357 SHARP-PC357 Datasheet
741Kb / 15P
   DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC357 SHARP-PC357 Datasheet
741Kb / 15P
   PHOTOCOUPLER
logo
Guangdong Youtai Semico...
PC357 UMW-PC357 Datasheet
828Kb / 8P
   SOP4, DC Input Photo Transistor Coupler
PC357A UMW-PC357A Datasheet
828Kb / 8P
   SOP4, DC Input Photo Transistor Coupler
PC357B UMW-PC357B Datasheet
828Kb / 8P
   SOP4, DC Input Photo Transistor Coupler
More results

Similar Description - PC357MJ0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC357N4J000F SHARP-PC357N4J000F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N2TJ00F SHARP-PC357N2TJ00F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N2J000F SHARP-PC357N2J000F Datasheet
204Kb / 14P
   Mini-flat Package,General Purpose Photocoupler
PC357N2 SHARP-PC357N2 Datasheet
194Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N1J000F SHARP-PC357N1J000F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N SHARP-PC357N_03 Datasheet
219Kb / 14P
   Mini-flat Package General Purpose Photocoupler
PC357N9J000F SHARP-PC357N9J000F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N3J000F SHARP-PC357N3J000F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N1TJ00F SHARP-PC357N1TJ00F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N SHARP-PC357N Datasheet
194Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com