Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC357NJ0000F Datasheet(PDF) 7 Page - Sharp Corporation

Part # PC357NJ0000F
Description  Mini-flat Package, General Purpose Photocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC357NJ0000F Datasheet(HTML) 7 Page - Sharp Corporation

Back Button PC357NJ0000F Datasheet HTML 3Page - Sharp Corporation PC357NJ0000F Datasheet HTML 4Page - Sharp Corporation PC357NJ0000F Datasheet HTML 5Page - Sharp Corporation PC357NJ0000F Datasheet HTML 6Page - Sharp Corporation PC357NJ0000F Datasheet HTML 7Page - Sharp Corporation PC357NJ0000F Datasheet HTML 8Page - Sharp Corporation PC357NJ0000F Datasheet HTML 9Page - Sharp Corporation PC357NJ0000F Datasheet HTML 10Page - Sharp Corporation PC357NJ0000F Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Sheet No.: D2-A00102EN
Ambient temperature Ta (˚C)
80
60
40
20
0
−30
100
10
−5
10
−6
10
−7
10
−8
10
−9
10
−10
10
−11
VCE
=50V
Fig.11 Collector Dark Current vs. Ambient
Temperature
0.01
0.1
1
10
10
0.1
1
100
VCE
=2V
IC
=2mA
Ta
=25˚C
ts
td
tf
tr
Load resistance RL (k
Ω)
Fig.12 Response Time vs. Load Resistance
80
60
0
40
50
100
150
−30
020
100
Ambient temperature Ta (˚C)
IF
=5mA
VCE
=5V
Fig.9 Relative Current Transfer Ratio vs.
Ambient Temperature
100
20
0
−30
0.16
0.1
0.06
40
0
60
80
0.02
0.04
0.08
0.12
0.14
Ambient temperature Ta (˚C)
IF
=20mA
IC
=1mA
Fig.10 Collector - emitter Saturation Voltage
vs. Ambient Temperature
7
50
40
20
10
0
10
8
6
4
2
0
30
5mA
10mA
Collector-emitter voltage VCE (V)
Ta
=25˚C
PC(MAX.)
IF
=30mA
Fig.8 Collector Current vs. Collector-emitter
Voltage
100
10
1
0.1
200
400
0
100
300
500
Forward current IF (mA)
VCE
=5V
Ta
=25˚C
Fig.7 Current Transfer Ratio vs. Forward
Current
PC357NJ0000F Series


Similar Part No. - PC357NJ0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC357NJ0000F SHARP-PC357NJ0000F Datasheet
230Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357NJ0000F SHARP-PC357NJ0000F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357NJ0000F SHARP-PC357NJ0000F Datasheet
416Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357NJ0000F SHARP-PC357NJ0000F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
More results

Similar Description - PC357NJ0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC357N4J000F SHARP-PC357N4J000F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N2TJ00F SHARP-PC357N2TJ00F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N2J000F SHARP-PC357N2J000F Datasheet
204Kb / 14P
   Mini-flat Package,General Purpose Photocoupler
PC357N2 SHARP-PC357N2 Datasheet
194Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N1J000F SHARP-PC357N1J000F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N SHARP-PC357N_03 Datasheet
219Kb / 14P
   Mini-flat Package General Purpose Photocoupler
PC357N9J000F SHARP-PC357N9J000F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N3J000F SHARP-PC357N3J000F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N1TJ00F SHARP-PC357N1TJ00F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N SHARP-PC357N Datasheet
194Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com