Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM05S018A Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # PM05S018A
Description  SIP3, Single Output, Switching Regulator 0.5A,
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PM05S018A Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  PM05S018A Datasheet HTML 1Page - Delta Electronics, Inc. PM05S018A Datasheet HTML 2Page - Delta Electronics, Inc. PM05S018A Datasheet HTML 3Page - Delta Electronics, Inc. PM05S018A Datasheet HTML 4Page - Delta Electronics, Inc. PM05S018A Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PM05S Series
SIP3, Single Output, Switching Regulator 0.5A, Package
DS_PM05S_07012013
E-mail: DCDC@delta.com.tw
http:// www.deltaww.com/dcdc
P1
FEATURES
Efficiency up to 97%, Non-isolated
SIP Package 11.5x7.5x10.2 mm
Excellent Line/Loads Regulation
Short Circuit Protection, Thermal Shutdown
Low Ripple and Noise
Operating Temperature range -40°C to +80°C
Low Stand-by Current
Wideinputrange (4.75V~28V)
3 Years Product Warranty
The PM05S series provides high efficiency switching regulators The high efficiency of these step-down converters allow an
operating temperature up to 80°C at full-load without heatsink. The regulators come in a package which fits in the standard TO-220
footprint of linear regulators.
The high efficiency of up to 97% and low stand-by power consumption of these switching regulators offer a cost-efficient solution for
different applications
These high efficiency DC/DC converters are the latest offering from a world leader in power systems technology and manufacturing
― Delta Electronics, Inc..
Model List
Model
Number
Input
Voltage
(Range)
Output
Voltage
Output Current
Max. capacitive
Load
Efficiency
(typ.)
Efficiency
(typ.)
Max.
@Min. Vin
@Max. Vin
VDC
VDC
mA
μF
%
%
PM05S015A
4.75 ~ 32
1.5
500
220
73
63
PM05S018A
1.8
500
220
82
71
PM05S025A
2.5
500
220
87
77
PM05S033A
3.3
500
220
91
81
PM05S050A
6.5 ~ 32
5
500
220
94
86
PM05S065A
8 ~ 32
6.5
500
220
95
88
PM05S090A
11 ~ 32
9
500
220
96
92
PM05S120A
15 ~ 32
12
500
220
97
94
PM05S150A
18 ~ 32
15
500
220
97
95
Input Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
Input Surge Voltage (1 sec. max.)
-0.3
---
34
VDC
Internal Filter Type
Capacitor
Internal Power Dissipation
---
---
0.4
W
Short Circuit Input Power
---
---
1.5
W
Input Current
@No Load
---
5
7
mA


Similar Part No. - PM05S018A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PM05S018A DELTA-PM05S018A Datasheet
417Kb / 4P
   SIP3, Single Output, Switching Regulator 0.5A, Package
More results

Similar Description - PM05S018A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PM05S DELTA-PM05S Datasheet
417Kb / 4P
   SIP3, Single Output, Switching Regulator 0.5A, Package
logo
Recom International Pow...
R-78E-0.5 RECOM-R-78E-0.5 Datasheet
368Kb / 3P
   500mA SIP3 Single Output
R-78-1.0 RECOM-R-78-1.0 Datasheet
99Kb / 3P
   1.0 AMP SIP3 Single Output
R-78B1.5-1.5 RECOM-R-78B1.5-1.5 Datasheet
98Kb / 4P
   1.5 AMP SIP3 Single Output
R-78B1.5-1.0 RECOM-R-78B1.5-1.0 Datasheet
102Kb / 4P
   1.0 AMP SIP3 Single Output
R-78XX-0 RECOM-R-78XX-0 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
R-781.5-0.5 RECOM-R-781.5-0.5 Datasheet
116Kb / 4P
   0.5 AMP SIP3 Single Output
R-78W-0.5 RECOM-R-78W-0.5 Datasheet
824Kb / 3P
   0.5 AMP SIP3 Single Output
R-78K-0.5 RECOM-R-78K-0.5 Datasheet
1Mb / 9P
   0.5 Amp SIP3 Single Output
REV.: 0/2023
R-78C1.8-1.0 RECOM-R-78C1.8-1.0 Datasheet
102Kb / 2P
   1.0 AMP SIP3 Single Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com