Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM05S025A Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # PM05S025A
Description  SIP3, Single Output, Switching Regulator 0.5A,
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PM05S025A Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  PM05S025A Datasheet HTML 1Page - Delta Electronics, Inc. PM05S025A Datasheet HTML 2Page - Delta Electronics, Inc. PM05S025A Datasheet HTML 3Page - Delta Electronics, Inc. PM05S025A Datasheet HTML 4Page - Delta Electronics, Inc. PM05S025A Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DS_PM05S_07012013
E-mail: DCDC@delta.com.tw
http:// www.deltaww.com/dcdc
P2
Output Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Setting Accuracy
---
±2.0
±3.0
%Vnom.
Line Regulation
Vin=Min. to Max.
1.5V to 6.5V
---
±0.2
±0.4
%
9V to 15V
---
±0.1
±0.2
%
Load Regulation
Io=10% to 100%
1.5V to 6.5V
---
±0.4
±0.6
%
9V to 15V
---
±0.25
±0.4
%
Min.Load
No minimum Load Requirement
Ripple & Noise (20MHz)
1.5V to 6.5V
---
20
30
mV P-P
9V to 15V
---
30
40
mV P-P
Transient Recovery Time
50% Load Step Change
---
100
---
μsec
Transient Response Deviation
---
±2
---
%
Temperature Coefficient
---
---
±0.015
%/
Output Current Limit
---
---
1
A
Short Circuit Protection
Continuous
General Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage
none
Switching Frequency
280
330
380
KHz
MTBF(calculated)
MIL-HDBK-217F@25
℃, Ground Benign
2,000,000
---
---
Hours
Environmental Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating Ambient Temperature Range (See Power Derating
Curve)
Natural Convection
-40
---
+90
Case Temperature
---
---
+100
Storage Temperature
-55
---
+125
Thermal Shutdown
Internal IC junction
---
160
---
Humidity (non condensing)
---
---
95
% rel. H
Lead Temperature (1.5mm from case for 10Sec.)
---
---
260
EMC Characteristics
Parameter
Standards & Level
Performance
Conducted EMI
Compliance to EN55022 and FCC part 15
Class B (See Page 3)
Radiated Emissions
EN55022
Class B
ESD
EN61000-4-2
Class A
Radiated immunity
EN61000-4-3
Class A
Fast transient (See Note 5)
EN61000-4-4
Class A
Conducted immunity
EN61000-4-6
Class A
Magnetic Field Immunity
EN61000-4-8
Class A


Similar Part No. - PM05S025A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PM05S025A DELTA-PM05S025A Datasheet
417Kb / 4P
   SIP3, Single Output, Switching Regulator 0.5A, Package
More results

Similar Description - PM05S025A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PM05S DELTA-PM05S Datasheet
417Kb / 4P
   SIP3, Single Output, Switching Regulator 0.5A, Package
logo
Recom International Pow...
R-78E-0.5 RECOM-R-78E-0.5 Datasheet
368Kb / 3P
   500mA SIP3 Single Output
R-78-1.0 RECOM-R-78-1.0 Datasheet
99Kb / 3P
   1.0 AMP SIP3 Single Output
R-78B1.5-1.5 RECOM-R-78B1.5-1.5 Datasheet
98Kb / 4P
   1.5 AMP SIP3 Single Output
R-78B1.5-1.0 RECOM-R-78B1.5-1.0 Datasheet
102Kb / 4P
   1.0 AMP SIP3 Single Output
R-78XX-0 RECOM-R-78XX-0 Datasheet
101Kb / 4P
   0.5 AMP SIP3 Single Output
R-781.5-0.5 RECOM-R-781.5-0.5 Datasheet
116Kb / 4P
   0.5 AMP SIP3 Single Output
R-78W-0.5 RECOM-R-78W-0.5 Datasheet
824Kb / 3P
   0.5 AMP SIP3 Single Output
R-78K-0.5 RECOM-R-78K-0.5 Datasheet
1Mb / 9P
   0.5 Amp SIP3 Single Output
REV.: 0/2023
R-78C1.8-1.0 RECOM-R-78C1.8-1.0 Datasheet
102Kb / 2P
   1.0 AMP SIP3 Single Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com