Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK1398 Datasheet(PDF) 2 Page - NEC

Part # 2SK1398
Description  N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK1398 Datasheet(HTML) 2 Page - NEC

  2SK1398 Datasheet HTML 1Page - NEC 2SK1398 Datasheet HTML 2Page - NEC 2SK1398 Datasheet HTML 3Page - NEC 2SK1398 Datasheet HTML 4Page - NEC 2SK1398 Datasheet HTML 5Page - NEC 2SK1398 Datasheet HTML 6Page - NEC 2SK1398 Datasheet HTML 7Page - NEC 2SK1398 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet D14772EJ2V0DS00
2
2SK1398
ELECTRICAL CHARACTERISTICS (TA = 25 °C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Drain Cut-off Current
IDSS
VDS = 50 V, VGS = 0 V
10
µA
Gate Leakage Current
IGSS
VGS = ±7.0 V, VDS = 0 V
±5.0
µA
Gate to Source Cut-off Voltage
VGS(off)
VDS = 3.0 V, ID = 1.0
µA
0.9
1.2
1.5
V
Forward Transfer Admittance
| yfs |VDS = 3.0 V, ID = 10 mA
20
38
mS
Drain to Source On-state Resistance
RDS(on)1
VGS = 2.5 V, ID = 10 mA
22
40
RDS(on)2
VGS = 4.0 V, ID = 10 mA
14
20
Input Capacitance
Ciss
VDS = 3.0 V
8
pF
Output Capacitance
Coss
VGS = 0 V
7
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
3
pF
Turn-on Delay Time
td(on)
VDD = 3.0 V
15
ns
Rise Time
tr
ID = 20 mA
100
ns
Turn-off Delay Time
td(off)
VGS(on) = 3.0 V
30
ns
Fall Time
tf
RG = 10
Ω, RL = 150 Ω
35
ns
TEST CIRCUIT SWITCHING TIME
PG.
RG
0
VGS
D.U.T.
RL
VDD
τ = 1 s
µ
Duty Cycle
≤ 1 %
VGS
Wave Form
ID
Wave Form
VGS
10 %
90 %
VGS(on)
10 %
0
ID
90 %
90 %
td(on)
tr
td(off)
tf
10 %
τ
RG = 10
ID
0
ton
toff
5


Similar Part No. - 2SK1398

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK1398 RENESAS-2SK1398 Datasheet
217Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results

Similar Description - 2SK1398

ManufacturerPart #DatasheetDescription
logo
NEC
2SK1272 NEC-2SK1272 Datasheet
401Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SK2053 NEC-2SK2053 Datasheet
62Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2090 NEC-2SK2090 Datasheet
59Kb / 6P
   N-Channel MOS FET FOR HIGH-SPEED SWITCHING
2SK2109 NEC-2SK2109 Datasheet
58Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2110 NEC-2SK2110 Datasheet
58Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2070 NEC-2SK2070 Datasheet
59Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2159 NEC-2SK2159 Datasheet
62Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK680A NEC-2SK680A Datasheet
317Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING?
2SK1958 NEC-2SK1958 Datasheet
60Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SK1273 NEC-2SK1273 Datasheet
356Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com