Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF840LCL Datasheet(PDF) 5 Page - Vishay Siliconix

Part # IRF840LCL
Description  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF840LCL Datasheet(HTML) 5 Page - Vishay Siliconix

  IRF840LCL Datasheet HTML 1Page - Vishay Siliconix IRF840LCL Datasheet HTML 2Page - Vishay Siliconix IRF840LCL Datasheet HTML 3Page - Vishay Siliconix IRF840LCL Datasheet HTML 4Page - Vishay Siliconix IRF840LCL Datasheet HTML 5Page - Vishay Siliconix IRF840LCL Datasheet HTML 6Page - Vishay Siliconix IRF840LCL Datasheet HTML 7Page - Vishay Siliconix IRF840LCL Datasheet HTML 8Page - Vishay Siliconix IRF840LCL Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 91068
www.vishay.com
S11-1050-Rev. C, 30-May-11
5
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IRF840LCS, IRF840LCL, SiHF840LCS, SiHF840LCL
Vishay Siliconix
Fig. 9 - Maximum Drain Current vs. Case Temperature
Fig. 10a - Switching Time Test Circuit
Fig. 10b - Switching Time Waveforms
Fig. 11 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
TC, Case Temperature (°C)
0.0
2.0
4.0
6.0
8.0
25
150
125
100
75
50
91068_09
Pulse width
≤ 1 µs
Duty factor
≤ 0.1 %
R
D
V
GS
R
g
D.U.T.
10 V
+
-
V
DS
V
DD
V
DS
90 %
10 %
V
GS
t
d(on)
t
r
t
d(off)
t
f
10
1
0.1
10-2
10-5
10-4
10-3
10-2
0.1
1
10
P
DM
t
1
t
2
t1, Rectangular Pulse Duration (s)
Notes:
1. Duty Factor, D = t
1/t2
2. Peak T
j = PDM x ZthJC + TC
Single Pulse
(Thermal Response)
0.2
0.05
0.02
0.01
91068_11
0.1
D = 0.5


Similar Part No. - IRF840LCL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF840LCL IRF-IRF840LCL Datasheet
173Kb / 10P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
logo
TRANSYS Electronics Lim...
IRF840LCL TEL-IRF840LCL Datasheet
156Kb / 2P
   Power MOSFET
logo
Vishay Siliconix
IRF840LCL VISHAY-IRF840LCL Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 02-Jun-08
IRF840LCL VISHAY-IRF840LCL Datasheet
231Kb / 10P
   Power MOSFET
01-Jan-2022
IRF840LCLPBF VISHAY-IRF840LCLPBF Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 02-Jun-08
More results

Similar Description - IRF840LCL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com