Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU406 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BU406
Description  NPN PLASTIC POWER TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BU406 Datasheet(HTML) 2 Page - Continental Device India Limited

  BU406 Datasheet HTML 1Page - Continental Device India Limited BU406 Datasheet HTML 2Page - Continental Device India Limited BU406 Datasheet HTML 3Page - Continental Device India Limited BU406 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PLASTIC POWER TRANSISTORS
BU406
BU407
TO-220
Plastic Package
ELECTRICAL CHARACTERISTICS (Tc=25ºC unless specified otherwise )
Emitter Cut off Current
IEBO
VEB=6V, IC=0
1.0
mA
Base Emitter Saturation Voltage
*VBE (sat)
IC=5A, IB=0.5A
1.2
V
DC Current Gain
*hFE
IC=5A, VCE=1V
10
DYNAMIC CHARACTERISTIC
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Transition Frequency
fT
IC=0.5A, VCE=10V, f=20MHz
10
MHz
Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
pF
SWITCHING CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
0.75
Typ. 80
1.0
V
TEST CONDITION
MIN
UNIT
Collector Emitter Saturation
Voltage
MAX
µs
Vcc=40V, Ic=5A, IB1=IB2=0.5A,
L=150
µH
DESCRIPTION
*VCE (sat)
SYMBOL
IC=5A, IB=0.5A
Inductive Load Crossover Time
tc
*Pulse Test : Pulse width <300ms, Duty Cycle < 1%
Continental Device India Limited
Data Sheet
Page 2 of 4


Similar Part No. - BU406

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BU406 MOSPEC-BU406 Datasheet
106Kb / 3P
   POWER TRANSISTORS(7A,150-200V,60W)
logo
Savantic, Inc.
BU406 SAVANTIC-BU406 Datasheet
109Kb / 4P
   Silicon NPN Power Transistors
logo
JILIN SINO-MICROELECTRO...
BU406 JSMC-BU406 Datasheet
287Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
logo
Motorola, Inc
BU406 MOTOROLA-BU406 Datasheet
100Kb / 4P
   7 AMPERES NPN SILICON POWER TRANSISTORS 60 WATTS 150 and 200 VOLTS
logo
Dc Components
BU406 DCCOM-BU406 Datasheet
194Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - BU406

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
BDX53 TEL-BDX53 Datasheet
49Kb / 2P
   NPN PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
2N5294 CDIL-2N5294 Datasheet
349Kb / 4P
   NPN PLASTIC POWER TRANSISTORS
CSC2690 CDIL-CSC2690 Datasheet
440Kb / 3P
   NPN PLASTIC POWER TRANSISTORS
BF469 CDIL-BF469 Datasheet
118Kb / 3P
   NPN PLASTIC POWER TRANSISTORS
MJE13006 CDIL-MJE13006 Datasheet
336Kb / 4P
   NPN PLASTIC POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
TIP47 TEL-TIP47 Datasheet
80Kb / 3P
   NPN PLASTIC POWER TRANSISTORS
logo
Continental Device Indi...
BUX84 CDIL-BUX84 Datasheet
77Kb / 3P
   NPN PLASTIC POWER TRANSISTORS
MJE13004 CDIL-MJE13004 Datasheet
279Kb / 4P
   NPN PLASTIC POWER TRANSISTORS
TIP47 CDIL-TIP47 Datasheet
359Kb / 4P
   NPN PLASTIC POWER TRANSISTORS
BF457 CDIL-BF457 Datasheet
118Kb / 4P
   NPN PLASTIC POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com