Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX79C43 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BZX79C43
Description  SILICON GLASS PASSIVATED 0.5WATT ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BZX79C43 Datasheet(HTML) 2 Page - Continental Device India Limited

  BZX79C43 Datasheet HTML 1Page - Continental Device India Limited BZX79C43 Datasheet HTML 2Page - Continental Device India Limited BZX79C43 Datasheet HTML 3Page - Continental Device India Limited BZX79C43 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless otherwise Specified)
Device
VZT
@ IZT * rZT @
IZT
rZK
@ IZK
IR
@
VR
IZM
Tamb
25 deg C 150degC
min
max
max
max
min
max
max
max
max
(V)
(V)
(ohm)
(mA)
(ohm)
(mA)
(uA)
(uA)
(V)
(mA)
BZX79C 24
22.80
25.60
70
5.0
250
1.0
18.4
22
0.05
2.0
17
16
BZX79C 27
25.10
28.90
80
2.0
300
0.5
21.4
25.3
0.05
2.0
19
14
BZX79C 30
28.00
32.00
80
2.0
300
0.5
24.4
29.4
0.05
2.0
21
13
BZX79C 33
31.00
35.00
80
2.0
325
0.5
27.4
33.4
0.05
2.0
23
12
BZX79C 36
34.00
38.00
90
2.0
350
0.5
30.4
37.4
0.05
2.0
25
11
BZX79C 39
37.00
41.00
130
2.0
350
0.5
33.4
41.2
0.05
2.0
27
10
BZX79C 43
40.00
46.00
150
2.0
375
0.5
37.6
46.6
0.05
2.0
29
9.2
BZX79C 47
44.00
50.00
170
2.0
375
0.5
42
51.8
0.05
2.0
33
8.5
BZX79C 51
48.00
54.00
180
2.0
400
0.5
46.6
57.2
0.05
2.0
36
7.8
*Pulse Condition : 20ms= tp=50ms . Duty Cycle=2%
(mV/deg C)
Temp. Coeff
of
VZ
Continental Device India Limited
Data Sheet
Page 2 of 4


Similar Part No. - BZX79C43

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BZX79C43 MOTOROLA-BZX79C43 Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
logo
New Jersey Semi-Conduct...
BZX79C43 NJSEMI-BZX79C43 Datasheet
132Kb / 2P
   ZENER DIODES
logo
Fairchild Semiconductor
BZX79C43 FAIRCHILD-BZX79C43 Datasheet
47Kb / 5P
   Zeners
logo
Taiwan Semiconductor Co...
BZX79C43 TSC-BZX79C43 Datasheet
239Kb / 5P
   5% Tolerance Zener Diode
logo
EIC discrete Semiconduc...
BZX79C43 EIC-BZX79C43 Datasheet
36Kb / 2P
   ZENER DIODES
More results

Similar Description - BZX79C43

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5334B PANJIT-1N5334B Datasheet
453Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB2EZ6.8 TAYCHIPST-1SMB2EZ6.8 Datasheet
12Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Pan Jit International I...
2EZ11 PANJIT-2EZ11_04 Datasheet
305Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5913B PANJIT-1N5913B Datasheet
457Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8_09 Datasheet
356Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8_09 Datasheet
347Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
3EZ6.8 PANJIT-3EZ6.8 Datasheet
693Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ47-AU PANJIT-1SMB3EZ47-AU Datasheet
319Kb / 6P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
3EZ11 PANJIT-3EZ11_04 Datasheet
294Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com