Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FL50S7-K121 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # FL50S7-K121
Description  D-Sub Crimp Steckverbinder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FL50S7-K121 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button FL50S7-K121 Datasheet HTML 2Page - List of Unclassifed Manufacturers FL50S7-K121 Datasheet HTML 3Page - List of Unclassifed Manufacturers FL50S7-K121 Datasheet HTML 4Page - List of Unclassifed Manufacturers FL50S7-K121 Datasheet HTML 5Page - List of Unclassifed Manufacturers FL50S7-K121 Datasheet HTML 6Page - List of Unclassifed Manufacturers FL50S7-K121 Datasheet HTML 7Page - List of Unclassifed Manufacturers FL50S7-K121 Datasheet HTML 8Page - List of Unclassifed Manufacturers FL50S7-K121 Datasheet HTML 9Page - List of Unclassifed Manufacturers FL50S7-K121 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ALL DIMENSIONS IN MILLIMETERS - VALUES FOR INCHES IN BRACKETS - TECHNICAL DATA SUBJECT TO CHANGE
47
DS 10/2007
Stamped contacts, entry from right side with turn round, wire size (AWG)
20-24, 0.1 µm (4 microinches) Au over Ni, type pin, 10,000 pieces on a reel.
Gestanzte Kontakte, Zuführung von der rechten Seite mit Umlenkung, Draht-
größe 20-24, 0,1 µm Au über Ni, Typ Stift, auf Rolle zu 10.000 Stück.
Stamped contacts, entry from left side with turn round, wire size (AWG)
20-24, 0,1 µm (4 microinches) Au over Ni, type pin, 10,000 pieces on a reel.
Gestanzte Kontakte, Zuführung von der linken Seite mit Umlenkung, Draht-
größe 20-24, 0,1 µm Au über Ni, Typ Stift, auf Rolle zu 10.000 Stück.
Version II: Entry from Left Side with Turn Round
Variante II: Zuführung von der linken Seite mit Umlenkung
Version I: Entry from Right Side with Turn Round (Standard)
Variante I: Zuführung von der rechten Seite mit Umlenkung (Standard)
Stamped Contacts, Feed Direction and Machine Setup
Gestanzte Kontakte, Zuführungsrichtung und Lage
Pin:
P7LR
Stift:
Pin:
P7LR-V2
Stift:
Addition to order number for version II
Bestellnummernergänzung für Variante II
-V2
Ordering Example for Crimp Contacts on a Reel
Bestellbeispiel für Bandcrimpkontakte
Ordering Example for Crimp Contacts on a Reel
Bestellbeispiel für Bandcrimpkontakte


Similar Part No. - FL50S7-K121

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FL5150 ONSEMI-FL5150 Datasheet
630Kb / 23P
   IGBT and MOSFET AC Phase Cut Dimmer Controller
May 2016
FL5150MX ONSEMI-FL5150MX Datasheet
630Kb / 23P
   IGBT and MOSFET AC Phase Cut Dimmer Controller
May 2016
FL5160MX ONSEMI-FL5160MX Datasheet
630Kb / 23P
   IGBT and MOSFET AC Phase Cut Dimmer Controller
May 2016
logo
Lapp.
FL52ERA LAPP-FL52ERA Datasheet
839Kb / 3P
   FLEXIMARK Plier FL52ERA FL52A
18.12.2018
logo
Faraday Technology
FL594 FARADAY-FL594 Datasheet
65Kb / 2P
   PRACTICAL 601 FILTERS
More results

Similar Description - FL50S7-K121

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-FT-X ASSMANN-A-FT-X Datasheet
114Kb / 1P
   HAUBEN FUR D-SUB-STECKVERBINDER
logo
FCI connector
C-DSUB-0071 FCI-CONNECTOR-C-DSUB-0071 Datasheet
223Kb / 1P
   D SUB CRIMP CONNECTOR
8656XXXXLXXX FCI-CONNECTOR-8656XXXXLXXX Datasheet
176Kb / 1P
   D-SUB CRIMP CONNECTOR
logo
Lumberg
ZP1 LUMBERG-ZP1 Datasheet
121Kb / 1P
   Modular-Steckverbinder
logo
HARTING Technology Grou...
09-14-009-3001 HARTING-09-14-009-3001 Datasheet
490Kb / 2P
   Han D-Sub module, crimp male
logo
Adam Technologies, Inc.
DXXX-PR ADAM-TECH-DXXX-PR Datasheet
124Kb / 1P
   D-SUB PLUG CRIMP AND POKE
DXXX-PR-JS ADAM-TECH-DXXX-PR-JS Datasheet
113Kb / 1P
   D-SUB PLUG CRIMP AND POKE
logo
HARTING Technology Grou...
09-14-009-3101 HARTING-09-14-009-3101 Datasheet
487Kb / 2P
   Han D-Sub module, crimp female
logo
Adam Technologies, Inc.
DXXX-SR ADAM-TECH-DXXX-SR Datasheet
126Kb / 1P
   D-SUB SOCKET CRIMP AND POKE
logo
CONEC Elektronische Bau...
3011W1SXK99A30X CONEC-3011W1SXK99A30X Datasheet
195Kb / 1P
   D-SUB COMBINATION FEMALE 11W1S CRIMP STYLE
23.03.2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com